Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74HC14A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74HC14A
Description  Hex Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74HC14A Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HC14A
http://onsemi.com
4
AC CHARACTERISTICS (CL = 50pF, Input tr = tf = 6ns)
VCC
Guaranteed Limit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A or B to Output Y
(Figures 1 and 2)
2.0
3.0
4.5
6.0
75
30
15
13
95
40
19
16
110
55
22
19
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Inverter)*
22
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).
Figure 1. Switching Waveforms
GND
VCC
OUTPUT Y
INPUT A
CL*
*Includes all probe and jig capacitance
TEST
POINT
90%
50%
10%
tTLH
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
tTHL
90%
50%
10%
tPLH
tPHL
tf
tr


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD74ACT14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
SL74LS14Hex Schmitt-Trigger Inverter 1 2 3 4 System Logic Semiconductor
SN74AUC14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
SN74AHC14Q-Q1HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
IN74HCT14AHEX SCHMITT-TRIGGER INVERTER 1 2 3 4 Integral Corp.
MC74HCT14AHex Schmitt-Trigger Inverter with LSTTL Compatible Inputs 1 2 3 4 5 MoreON Semiconductor
SL74LV14Hex Schmitt-Trigger Inverter 1 2 3 4 5 MoreSystem Logic Semiconductor
IN74HC14AHex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.
CD74AC14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
SL74HC14Hex Schmitt-Trigger Inverter 1 2 3 4 System Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn