Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2760 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2760
Description  Band Pass Filter for Spectrum Analyzer Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2760 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2760 Datasheet HTML 1Page - New Japan Radio NJM2760 Datasheet HTML 2Page - New Japan Radio NJM2760 Datasheet HTML 3Page - New Japan Radio NJM2760 Datasheet HTML 4Page - New Japan Radio NJM2760 Datasheet HTML 5Page - New Japan Radio NJM2760 Datasheet HTML 6Page - New Japan Radio NJM2760 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJM2760
– 6 –
s
s
s
s TYPICAL CHARACTERISTICS
INPUT vs. OUTPUT
Vcc=3.3V, Ta=25°C, f=8kHz, R2=R21/ /R22
0
0.5
1
1.5
2
2.5
3
3.5
00.5
11.5
22.5
3
Vin[VPEAK]
RECout
R2=80kΩ
RECout
R2=120kΩ
RECout
R2=100kΩ
Supply Current vs. Temperature
V+=3.3V
0
0.5
1
1.5
2
2.5
3
-50 -30 -10 10
305070
90 110 130 150
Ta[°C]
Supply Current vs. Supply Voltage
Ta=-40, 25, 75°C
0
0.5
1
1.5
2
2.5
3
01
2
3456
7
8
9
10
Vcc[V]
Ta=-20°C
25,75°C
DC Offset Voltage vs. Temperature
V+=3.3V
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
Ta[°C]
BPF3out
BPF4out
BPF1out
BPF2out
RECout
Output vs. Frequency
V+=3.3V, Vin=1VPEAK
-30
-25
-20
-15
-10
-5
0
5
10
100
1000
10000
100000
f[Hz]
25°C
-20°C
BPF4 BPF3 BPF2
BPF1
75°C


Similar Part No. - NJM2760

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2761 NJRC-NJM2761 Datasheet
199Kb / 7P
   The Audio Limiter for Speaker Protection
logo
List of Unclassifed Man...
NJM2761 ETC2-NJM2761 Datasheet
285Kb / 8P
   Audio Limiter
logo
Tiger Electronic Co.,Lt...
NJM2761 TGS-NJM2761 Datasheet
298Kb / 9P
   Audio Limiter IC
logo
New Japan Radio
NJM2761RB2 NJRC-NJM2761RB2 Datasheet
199Kb / 7P
   The Audio Limiter for Speaker Protection
logo
List of Unclassifed Man...
NJM2761RB2-TE1 ETC2-NJM2761RB2-TE1 Datasheet
285Kb / 8P
   Audio Limiter
More results

Similar Description - NJM2760

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7505 NJRC-NJU7505 Datasheet
78Kb / 9P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
NJU7507 NJRC-NJU7507 Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7509 NJRC-NJU7509 Datasheet
254Kb / 11P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7508 NJRC-NJU7508 Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
logo
Rohm
BA3835S ROHM-BA3835S Datasheet
131Kb / 10P
   Band-pass filter for spectrum analyzer
BA3834S ROHM-BA3834S Datasheet
135Kb / 10P
   Band-pass filter for spectrum analyzer
BA3826S ROHM-BA3826S Datasheet
115Kb / 7P
   Band-pass filter for spectrum analyzer
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3834F ROHM-BA3834F Datasheet
273Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com