Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15N50 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 15N50
Description  15A 500V N-channel Enhancement Mode Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

15N50 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  15N50 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 15N50 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Jiangsu Donghai Semiconductor Technology CO.,LTD.
Rev. 1.0
Page 1 of 12
15N50/F15N50/
I15N50/E15N50
15A 500V N-channel Enhancement Mode Power MOSFET
4 Electrical Characteristics
4.1 Absolute Maximum Rating(Tc=25℃,unless otherwise noted)
Parameter
Symbol
Rating
Units
15N50/
I15N50/E15N50
F15N50
Drian-to-Source Voltage
VDSS
500
V
Gate-to-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25℃
ID
15
A
TC=100℃
9.5
A
Pulsed Drain Current(1)
IDM
60
A
Single Pulse Avalanche Energy(4)
EAS
1000
mJ
Repetitive Avalanche Energy(4)
EAS
200
mJ
Repetitive Avalanche Current(4)
IAR
6.3
A
Peak Diode Recovery dv/dt(5)
dv/dt
5
V/ns
Power Dissipation
Ta=25℃
Ptot
2
2
W
TC=25℃
Ptot
180
70
W
Isolation Voltage
VISO
/
2500
V
Junction Temperature Range
Tj
-55~150
Storage Temperature Range
Tstg
-55~150
Maximum Temperature for soldering
TL
300
4.2 Thermal Characteristics
Parameter
Symbol
Rating
Unit
15N50/
I15N50/E15N50
F15N50
Thermal Resistance,Junction to Case-sink
RthJC
0.69
1.79
/W
Thermal Resistance,Junction to Ambient
RthJA
62.5
62.5
/W
1 Description
These, the silicon N-channel enhanced vdmosfets, is
obtained by the self-aligned planar technology which reduce
the conduction loss, improve switching performance and
enhance the avalanche energy. Which accords with the
RoHS standard.
2 Features
● Fast switching
● Low on resistance(Rdson≤0.4Ω)
● Low gate charge(Typ: 50nC)
● Low reverse transfer capacitances(Typ: 25.5pF)
● 100% single pulse avalanche energy test
● 100% ΔVDS test
3 Applications
● Used in various power switching circuit for system
miniaturization and higher efficiency.
● Power switch circuit of adaptor and charger.
VDSS = 500V
RDS(on) (TYP)= 0.3Ω
ID = 15A
1
2
3
4
5
6
7
8
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Title
N umber
R evisio n
Size
D
D ate:
10 -A pr-201 7
Sh eet
of
File:
D :\ Pr og ram Files\p ro tel 99 se\文件夹\W X D H
D raw n B y:
3
1
2
G
S
D
TO-220C
TO-220F
TO-262
TO-263


Similar Part No. - 15N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N50 UTC-15N50 Datasheet
248Kb / 6P
   15A, 500V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
15N50 VBSEMI-15N50 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
15N50G-TF1-T UTC-15N50G-TF1-T Datasheet
248Kb / 6P
   15A, 500V N-CHANNEL POWER MOSFET
15N50G-TF2-T UTC-15N50G-TF2-T Datasheet
248Kb / 6P
   15A, 500V N-CHANNEL POWER MOSFET
15N50K-MT UTC-15N50K-MT Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 15N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N50 UTC-15N50 Datasheet
248Kb / 6P
   15A, 500V N-CHANNEL POWER MOSFET
logo
Pan Jit International I...
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
   500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
   500V N-Channel Enhancement Mode MOSFET
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
   500V N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
20N50 WXDH-20N50 Datasheet
1Mb / 11P
   20A 500V N-channel Enhancement Mode Power MOSFET
840 WXDH-840 Datasheet
1Mb / 12P
   8A 500V N-channel Enhancement Mode Power MOSFET
20N50D WXDH-20N50D Datasheet
1Mb / 10P
   20A 500V N-channel Enhancement Mode Power MOSFET
logo
DACO SEMICONDUCTOR CO.,...
DAMH75N500H DACO-DAMH75N500H Datasheet
333Kb / 5P
   N-Channel Enhancement Mode Power MOSFET 500V / 75A
June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com