Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R8BS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 06035J0R8BS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R8BS Datasheet(HTML) 5 Page - NXP Semiconductors

  06035J0R8BS Datasheet HTML 1Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 2Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 3Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 4Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 5Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 6Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 7Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 8Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MMG3014NT1
5
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 800--1000 MHz
Figure 14. 50 Ohm Test Circuit Schematic
Figure 15. S21, S11 and S22 versus Frequency
--40
700
f, FREQUENCY (MHz)
S11
800
900
1000
1100
30
10
0
--10
--20
--30
S21
S22
RF
OUTPUT
RF
INPUT
VSUPPLY
Z1
Z2
C1
Z5
C2
R1
L1
VCC
DUT
Figure 16. 50 Ohm Test Circuit Component Layout
Z1, Z8
0.274 x 0.058 Microstrip
Z2, Z7
0.073 x 0.058 Microstrip
Z3
0.066 x 0.058 Microstrip
Z4
0.509 x 0.058 Microstrip
Z5
0.172 x 0.058 Microstrip
Z6
0.403 x 0.058 Microstrip
PCB
Getek Grade ML200C, 0.031, r =4.1
Z8
C7
Z7
Z6
C3
C4
Z4
Z3
C6
C5
20
MMG30XX
Rev 2
C1
C5
R1
C4
C3
L1
C2
C7
C6
VCC =5 Vdc
Table 8. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
220 pF Chip Capacitors
C0805C221J5GAC
Kemet
C3
0.1 F Chip Capacitor
C0603C104J5RAC
Kemet
C4
2.2 F Chip Capacitor
C0805C225J4RAC
Kemet
C5
0.2 pF Chip Capacitor
12065J0R2BS
AVX
C6
4.7 pF Chip Capacitor
C0603C479J5GAC
Kemet
C7
1.8 pF Chip Capacitor
C1206C189D5GAC
Kemet
L1
10 nH Chip Inductor
HK160810NJ--T
Taiyo Yuden
R1
0  Chip Resistor
ERJ3GEY0R00V
Panasonic


Similar Part No. - 06035J0R8BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
06035J0R8BBS NXP-06035J0R8BBS Datasheet
571Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - 06035J0R8BS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com