Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R4BBS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 06035J0R4BBS
Description  Heterostructure Field Effect Transistor (GaAs HFET)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R4BBS Datasheet(HTML) 5 Page - NXP Semiconductors

  06035J0R4BBS Datasheet HTML 1Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 2Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 3Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 4Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 5Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 6Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 7Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 8Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MMH3111NT1
5
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 800--1900 MHz
Figure 14. 50 Ohm Test Circuit Schematic
Figure 15. S21, S11 and S22 versus Frequency
--40
600
f, FREQUENCY (MHz)
800
1000
20
10
0
--10
--20
--30
S21
S11
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
Z1
Z2
C1
C2
R1
L1
VCC
DUT
Figure 16. 50 Ohm Test Circuit Component Layout
Z1
0.347 x 0.058 Microstrip
Z2
0.068 x 0.058 Microstrip
Z3
0.418 x 0.058 Microstrip
Z4
0.089 x 0.058 Microstrip
Z5
0.172 x 0.058 Microstrip
Z6
0.403 x 0.058 Microstrip
Z7
0.086 x 0.058 Microstrip
Z8
0.261 x 0.058 Microstrip
PCB
Getek Grade ML200C, 0.031, r =4.1
Z8
C6
Z7
Z6
C4
Z5
Z4
L2
Z3
C5
1200
1400
1600
1800
2000
S22
MMG30XX
Rev 2
C1
C5
L2
R1
C4
C3
L1
C2
C6
VDD =5 Vdc
Table 8. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
47 pF Chip Capacitors
06035J470BBS
AVX
C3
0.1 F Chip Capacitor
C0603C104J5RAC
Kemet
C4
1 F Chip Capacitor
C0603C105J5RAC
Kemet
C5
0.7 pF Chip Capacitor
06035J0R7BBS
AVX
C6
0.4 pF Chip Capacitor
12105J0R4BBS
AVX
L1
56 nH Chip Inductor
HK160856NJ--T
Taiyo Yuden
L2
12 nH Chip Inductor
HK160812NJ--T
Taiyo Yuden
R1
0 Ω, 1/10 W Chip Resistor
CRCW06030000FKEA
Vishay


Similar Part No. - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
NXP Semiconductors
06035J0R6BS NXP-06035J0R6BS Datasheet
497Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
logo
TriQuint Semiconductor
06035J0R7ABSTR TRIQUINT-06035J0R7ABSTR Datasheet
747Kb / 8P
   Edge QAM Gain Stage
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
571Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
06035J0R8BS NXP-06035J0R8BS Datasheet
497Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
More results

Similar Description - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
MMH3111NT1 FREESCALE-MMH3111NT1 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
   High Performance 쩍-Watt HFET(Heterostructure FET)
logo
Qorvo, Inc
SGA8343Z QORVO-SGA8343Z Datasheet
790Kb / 12P
   Heterostructure Bipolar Transistor
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com