Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC86D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC86D
Description  QUAD 2-INPUT EXCLUSIVE-OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC86D Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC86D Datasheet HTML 1Page - ON Semiconductor MC74AC86D Datasheet HTML 2Page - ON Semiconductor MC74AC86D Datasheet HTML 3Page - ON Semiconductor MC74AC86D Datasheet HTML 4Page - ON Semiconductor MC74AC86D Datasheet HTML 5Page - ON Semiconductor MC74AC86D Datasheet HTML 6Page - ON Semiconductor MC74AC86D Datasheet HTML 7Page - ON Semiconductor MC74AC86D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74AC86, MC74ACT86
http://onsemi.com
4
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
35
pF
VCC = 5.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC74AC86N
PDIP−14
25 Units / Rail
MC74AC86NG
PDIP−14
(Pb−Free)
25 Units / Rail
MC74ACT86N
PDIP−14
25 Units / Rail
MC74ACT86NG
PDIP−14
(Pb−Free)
25 Units / Rail
MC74AC86D
SOIC−14
55 Units / Rail
MC74AC86DG
SOIC−14
(Pb−Free)
55 Units / Rail
MC74AC86DR2
SOIC−14
2500 Tape & Reel
MC74AC86DR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
MC74ACT86D
SOIC−14
55 Units / Rail
MC74ACT86DG
SOIC−14
(Pb−Free)
55 Units / Rail
MC74ACT86DR2
SOIC−14
2500 Tape & Reel
MC74ACT86DR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
MC74AC86DTR2
TSSOP−14*
2500 Tape & Reel
MC74ACT86DTR2
TSSOP−14*
2500 Tape & Reel
MC74ACT86MEL
SOEIAJ−14
2000 Tape & Reel
MC74ACT86MELG
SOEIAJ−14
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PDIP−14
SOIC−14
TSSOP−14
MC74AC86N
AWLYYWW
AC86
AWLYWW
AC
86
ALYW
ACT
86
ALYW
ACT86
AWLYWW
MC74ACT86N
AWLYYWW
74AC86
ALYW
SOEIAJ−14
74ACT86
ALYW


Similar Part No. - MC74AC86D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC86D MOTOROLA-MC74AC86D Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74AC86D ONSEMI-MC74AC86D Datasheet
148Kb / 9P
   Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
MC74AC86DG ONSEMI-MC74AC86DG Datasheet
148Kb / 9P
   Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
MC74AC86DG ONSEMI-MC74AC86DG Datasheet
88Kb / 8P
   Quad 2-Input Exclusive-OR Gate
January, 2014 ??Rev. 9
MC74AC86DR2 ONSEMI-MC74AC86DR2 Datasheet
148Kb / 9P
   Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
More results

Similar Description - MC74AC86D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com