Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC573MELG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC573MELG
Description  OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC573MELG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC573MELG Datasheet HTML 1Page - ON Semiconductor MC74AC573MELG Datasheet HTML 2Page - ON Semiconductor MC74AC573MELG Datasheet HTML 3Page - ON Semiconductor MC74AC573MELG Datasheet HTML 4Page - ON Semiconductor MC74AC573MELG Datasheet HTML 5Page - ON Semiconductor MC74AC573MELG Datasheet HTML 6Page - ON Semiconductor MC74AC573MELG Datasheet HTML 7Page - ON Semiconductor MC74AC573MELG Datasheet HTML 8Page - ON Semiconductor MC74AC573MELG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 7
1
Publication Order Number:
MC74AC573/D
MC74AC573, MC74ACT573
Octal Buffer/Line Driver
with 3−State Outputs
The MC74AC573/74ACT573 is a high−speed octal latch with
buffered common Latch Enable (LE) and buffered common Output
Enable (OE) inputs.
The MC74AC573/74ACT573 is functionally identical to the
MC74AC373/74ACT373 but has inputs and outputs on opposite sides.
Features
Inputs and Outputs on Opposite Sides of Package Allowing Easy
Interface with Microprocessors
Useful as Input or Output Port for Microprocessors
Functionally Identical to MC74AC373/74ACT373
3−State Outputs for Bus Interfacing
Outputs Source/Sink 24 mA
′ACT573 Has TTL Compatible Inputs
Pb−Free Packages are Available*
Figure 1. Pinout 20−Lead Packages Conductors
(Top View)
19
20
18
17
16
15
14
2
1
3456
7
VCC
13
8
12
9
11
10
O0
O1
O2
O3
O4
O5
O6
O7
LE
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
PIN ASSIGNMENT
PIN
FUNCTION
D0−D7
Data Inputs
LE
Latch Enable Input
OE
3−State Output Enable Input
O0−O7
3−State Latch Outputs
Figure 2. Logic Symbol
D0 D1 D2 D3 D4 D5 D6 D7
LE
O1 O2 O3 O4 O5 O6 O7
OE
O0
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
1
20
PDIP−20
N SUFFIX
CASE 738
1
20
1
20
1
20
SO−20
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
EIAJ−20
M SUFFIX
CASE 967
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
MC74xxx573N
AWLYYWWG
xxx573
AWLYYWWG
xxx
573
ALYW
G
G
74xxx573
AWLYWWG
xxx
= AC or ACT
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAM


Similar Part No. - MC74AC573MELG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC573 ONSEMI-MC74AC573 Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 8
MC74AC573DTR2G ONSEMI-MC74AC573DTR2G Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 8
logo
Motorola, Inc
MC74AC573DW MOTOROLA-MC74AC573DW Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC573DWG ONSEMI-MC74AC573DWG Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 8
More results

Similar Description - MC74AC573MELG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com