Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J100GBS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 06035J100GBS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J100GBS Datasheet(HTML) 2 Page - NXP Semiconductors

  06035J100GBS Datasheet HTML 1Page - NXP Semiconductors 06035J100GBS Datasheet HTML 2Page - NXP Semiconductors 06035J100GBS Datasheet HTML 3Page - NXP Semiconductors 06035J100GBS Datasheet HTML 4Page - NXP Semiconductors 06035J100GBS Datasheet HTML 5Page - NXP Semiconductors 06035J100GBS Datasheet HTML 6Page - NXP Semiconductors 06035J100GBS Datasheet HTML 7Page - NXP Semiconductors 06035J100GBS Datasheet HTML 8Page - NXP Semiconductors 06035J100GBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMA20312BT1
Table 4. Electrical Characteristics (VCC1 =VCC2 =VBIAS = 5 Vdc, 2140 MHz, TA =25C, 50 ohm system, in Freescale W--CDMA
Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Small--Signal Gain (S21) (1)
Gp
23.6
27.2
dB
Input Return Loss (S11)
IRL
--10.7
dB
Output Return Loss (S22)
ORL
--15.5
dB
Power Output @ 1dB Compression, CW
P1dB
28.2
dBm
Third Order Output Intercept Point, Two--Tone CW
OIP3
44.5
dBm
Noise Figure
NF
3.3
dB
Supply Current (1)
ICQ
62.5
70
77
mA
Supply Voltage
VCC
5
V
Table 5. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
0, rated to 150 V
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
III
Table 6. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
1. Specified data is based on performance of soldered down part in W--CDMA application circuit.
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
VBA2
RFout
RFin
19
28
37
12
11
10
45
6
RFout
VCC1 VCC1
VBA1
VBIAS
VCC2
GND GND GND
VBA2
RFout
RFin
RFout
VCC1
VCC1
VBA1
VBIAS
VCC2
BIAS
CIRCUIT
BIAS
CIRCUIT
GND
GND
GND


Similar Part No. - 06035J100GBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J100GBS NXP-06035J100GBS Datasheet
901Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
More results

Similar Description - 06035J100GBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com