Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSSIO16E-TIRZ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TSSIO16E-TIRZ
Description  VAN Peripheral Circuit 16 Inputs-Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSSIO16E-TIRZ Datasheet(HTML) 4 Page - ATMEL Corporation

  TSSIO16E-TIRZ Datasheet HTML 1Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 2Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 3Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 4Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 5Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 6Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 7Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 8Page - ATMEL Corporation TSSIO16E-TIRZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
4421B–ASSP–10/05
TSSIO16E
4.
Functional Features
4.1
Content of Identifier Field
The TSSIO16E circuit identifier field is structured as shown below.
The local address consists of bits I1, I2 and I3 of the identifier field for the VAN frame addressing
the circuit, the Bit I1 indicates reading or writing. The table below gives the significance of these
bits.
4.2
Addressing of ports A and B and of COMMAND and STATUS registers
The specific functions of the circuit are activated by the selection of one or two ports depending
on the local address decoding (see § 4.1) as contained in the identifier field of the VAN frame
received by the circuit and by the content of the data bytes for this frame.
4.2.1
Local address 0 and 1
Writing and reading of these registers are described in paragraph 4.4.
The writing of the COMMAND register uses a single data byte. The reading of the STATUS reg-
ister sends a data byte to RANK 16.
External wired address
Identifier field
(undecoded)
Local address
I3
I2
I1
local address
action
0
0
0
0
writing of VAN CONTROL register
0
0
1
1
reading of VAN STATUS register (RANK 16)
0
1
0
2
writing of port A
0
1
1
3
reading of port A (RANK 16)
1
0
0
4
writing of port AB
1
0
1
5
reading of port AB (RANK 16)
1
1
0
6
writing of port B
1
1
1
7
reading of port B (RANK 16)
I3
I2
I1
Writing of the COMMAND register
0
0
0
Reading of the STATUS register
0
0
1


Similar Part No. - TSSIO16E-TIRZ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TSS MACOM-TSS Datasheet
305Kb / 6P
   Slide Switches, Vertical, Single or Dual Actuator
logo
Littelfuse
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
   Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
logo
Samtec, Inc
TSS SAMTEC-TSS Datasheet
532Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
RCD COMPONENTS INC.
TSS-104-M RCD-TSS-104-M Datasheet
57Kb / 1P
   TANTALUM CHIP TANGOLDTM CAPACITORS
logo
Mini-Circuits
TSS-13HLN MINI-TSS-13HLN Datasheet
318Kb / 5P
   Monolithic Amplifier
More results

Similar Description - TSSIO16E-TIRZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4986EVKIT MAXIM-MAX4986EVKIT Datasheet
1Mb / 11P
   Application Circuit with SATA Inputs/Outputs
Rev 0; 2/10
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX4951EVKIT MAXIM-MAX4951EVKIT Datasheet
255Kb / 9P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 10/08
logo
PHOENIX CONTACT
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
   Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
logo
List of Unclassifed Man...
GMBHR168 ETC2-GMBHR168 Datasheet
1Mb / 70P
   Mini BLOCK Housing 16 opto inputs, 8 Relay outputs
logo
Schneider Electric
ABE7H16R50 SCHNEIDER-ABE7H16R50 Datasheet
144Kb / 6P
   passive connection sub-base ABE7 - 16 inputs or outputs
Aug 9, 2019
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
   Buffered Inputs and Outputs
logo
Schneider Electric
HMISCU6A5 SCHNEIDER-HMISCU6A5 Datasheet
245Kb / 9P
   3?? color touch controller panel - Dig 16 inputs/10 outputs
Aug 10, 2019
HMISCU8A5 SCHNEIDER-HMISCU8A5 Datasheet
211Kb / 9P
   5?? color touch controller panel - Dig 16 inputs/10 outputs
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com