Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M5W816TP-70HI Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M5M5W816TP-70HI
Description  8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M5M5W816TP-70HI Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI ELECTRIC
M5M5W816TP-70HI, 85HI
2001.4.11
Ver. 2.0
8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
* Typical parameter indicates the value for the
center of distribution, and not 100% tested.
1
DESCRIPTION
The M5M5W816TP is a f amily of low v oltage 8-Mbit static
RAMs organized as 524288-words by 16-bit, f abricated by
Mitsubishi's high-perf ormance 0.18µm CMOS technology.
The M5M5W816TP is suitable f or memory applications
where a simple interf acing , battery operating and battery
backup are the important design objectiv es.
The M5M5W816TP is packaged in a
44pin thin small
outline mount dev ice, with the outline of
400mil TSOP
TY PE(II).
It giv es the best solution f or a compaction of
mounting area as well as f lexibility of wiring pattern of
printed circuit boards.
The operating temperature range is -40~+85°C
FEATURES
- Single 2.7~3.0V power supply
- Small stand-by current: 0.2µA (3.0V, ty p.)
- No clocks, No ref resh
- Data retention supply v oltage =2.0V
- All inputs and outputs are TTL compatible.
- Easy memory expansion by S#, BC1# and BC2#
- Common Data I/O
- Three-state outputs: OR-tie capability
- OE# prev ents data contention in the I/O bus
- Process technology: 0.18µm CMOS
- Package: 44pin 400mil TSOP TYPE(II)
PIN CONFIGURATION
A0 ~ A18
DQ1 ~ DQ16
S#
W#
OE#
BC1#
Address input
Data input / output
Chip select input
Write control input
Output enable input
Lower By te (DQ1 ~ 8)
Pin
Function
Vcc
GND
Power supply
Ground supply
BC2#
Upper By te (DQ9 ~ 16)
Outline:
44P3W
NC: No Connection
Those are summarized in the part name table below.
40mA
(10MHz)
5mA
(1MHz)
Version,
Operating
temperature
Part name
Power
Supply
Access time
max.
Stand-by c urrent
Ratings (max.)
Active
current
*(ty p.)
Icc1
70°C 85°C
25°C
I-version
-40~+85°C
M5M5W816TP -70HI
M5M5W816TP -85HI
85ns
2.7~3.0V
70ns
* Ty pical
40°C
25°C 40°C
40
20
4
2
1.0
0.5
44Pin 400mil TSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
DQ1
GND
S#
W#
A4
A3
A2
A1
A0
DQ2
DQ4
DQ3
VCC
DQ5
DQ6
DQ8
DQ7
32
31
30
29
28
27
26
25
24
23
36
35
34
33
41
40
39
38
37
44
43
42
OE#
GND
BC1#
BC2#
A5
A6
A7
DQ16
DQ15
DQ14
DQ13
VCC
DQ12
DQ11
DQ10
DQ9
A8
A9
A10
A11
A17
A18
A16
A12
A13
A14
A15


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn