Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M5W816TP-70HI Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M5M5W816TP-70HI
Description  8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5W816TP-70HI Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5W816TP-70HI Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5W816TP-70HI Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI ELECTRIC
M5M5W816TP-70HI, 85HI
2001.4.11
Ver. 2.0
8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
3
ABSOLUTE MAXIMUM RATINGS
pF
10
VI=GND, VI=25mVrms, f =1MHz
VO
=GND,VO=25mVrms, f =1MHz
CI
CO
Symbol
Parameter
Limits
Conditions
Units
µA
mA
mA
V
Icc1
Icc2
Icc4
VIH
VIL
IO
Icc3
VOH
IOH= - 0.5mA
VOL
IOL=2mA
II
VI =0 ~ Vcc
BC1# and BC2#=VIH or S#=VIH or OE#=VIH, VI/O=0 ~ Vcc
Vcc+0.2V
0.6
2.2
-0.2 *
2.4
2
0.4
±1
40
30
±1
10
Max
Typ
Min
DC ELECTRICAL CHARACTERISTICS
f = 10MHz
f = 1MHz
-
-
-
-
-
Supply v oltage
Input v oltage
Output v oltage
Power dissipation
Operating
Storage temperature
V
mW
Conditions
Ta=
25°C
700
- 65 ~ +150
Ratings
Vcc
VI
VO
Pd
T a
T stg
-0.3* ~ +4.6
-0.3* ~ Vcc + 0.3 (max. 4.6V)
0 ~ Vcc
Symbol
Parameter
Units
- 40 ~ +85
With respect to GND
f = 10MHz
f = 1MHz
5
40
30
10
5
-
With respect to GND
With respect to GND
( Vcc=2.7 ~ 3.0V, unless otherwise noted)
High-lev el input v oltage
Low-lev el input v oltage
High-level output voltage
Low-lev el output v oltage
Input leakage current
Output leakage current
Activ e supply c urrent
( AC,MOS lev el )
( AC,TTL lev el )
Activ e supply c urrent
Stand by s upply current
( AC,MOS lev el )
( AC,TTL lev el )
Stand by s upply current
Other inputs= 0 ~ Vcc
Note 1: Direction for current flowing into IC is indicated as positive (no mark)
Note 2: Typical parameter indicates the value for the center of distribution at 3.0V, and not 100% tested.
CAPACITANCE
(Vcc=2.7 ~3.0V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Max
Typ
Min
Units
Input capacitance
Output capacitance
* -3.0V in case of AC (Pulse width
30ns)
BC1# and BC2#
0.2V, S#
0.2V
other inputs
0.2V or
Vcc-0.2V
Output - open (duty 100%)
<
=
<
=
>
=
BC1# and BC2#=V IL , S#=V IL
<
=
other pins =V IH or VIL
Output - open (duty 100%)
BC1# and BC2#=VIH or S#=VIH
* -3.0V in case of AC (Pulse width
30ns)
<
=
<
=
10
°C
°C
µA
20
~ +70°C
~ +40°C
0.5
-
-
-
~ +85°C
~ +25°C
-
1.0
2
4
-
-
40
(1) S#
Vcc - 0.2V,
>
=
other inputs = 0 ~ Vcc
BC1# and BC2# Vcc - 0.2V
S#
0.2V
<
=
(2)
other inputs = 0 ~ Vcc
>
=
CAPACITANCE
DC ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
3
temperature


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn