Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7380D Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV7380D
Description  LIN Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7380D Datasheet(HTML) 2 Page - ON Semiconductor

  NCV7380D Datasheet HTML 1Page - ON Semiconductor NCV7380D Datasheet HTML 2Page - ON Semiconductor NCV7380D Datasheet HTML 3Page - ON Semiconductor NCV7380D Datasheet HTML 4Page - ON Semiconductor NCV7380D Datasheet HTML 5Page - ON Semiconductor NCV7380D Datasheet HTML 6Page - ON Semiconductor NCV7380D Datasheet HTML 7Page - ON Semiconductor NCV7380D Datasheet HTML 8Page - ON Semiconductor NCV7380D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCV7380
http://onsemi.com
2
Figure 1. Block Diagram
VCC
Internal Supply
and
References
Biasing &
Bandgap
Thermal
Shutdown
POR
SLEW RATE
CONTROL
TxD
BUS Driver
Input
Filter
Receive
Comparator
RxD
30 K
BUS
GND
VS
NCV7380
15 K
PACKAGE PIN DESCRIPTION
Pin
Symbol
Description
1
RXD
Receive data from BUS to microprocessor, LOW in dominant state.
2
NC
No connection.
3
VCC
5.0 V supply input.
4
TXD
Transmit data from microprocessor to BUS, LOW in dominant state.
5
GND
Ground
6
BUS
LIN bus pin, LOW in dominant state.
7
VS
Battery input voltage.
8
NC
No connection.


Similar Part No. - NCV7380D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7380D ONSEMI-NCV7380D Datasheet
193Kb / 14P
   LIN Transceiver
February, 2007 ??Rev. 2
NCV7380DG ONSEMI-NCV7380DG Datasheet
193Kb / 14P
   LIN Transceiver
February, 2007 ??Rev. 2
NCV7380DR2 ONSEMI-NCV7380DR2 Datasheet
193Kb / 14P
   LIN Transceiver
February, 2007 ??Rev. 2
NCV7380DR2G ONSEMI-NCV7380DR2G Datasheet
193Kb / 14P
   LIN Transceiver
February, 2007 ??Rev. 2
More results

Similar Description - NCV7380D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com