Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70200 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT72V70200
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70200 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V70200 Datasheet HTML 1Page - Integrated Device Technology IDT72V70200 Datasheet HTML 2Page - Integrated Device Technology IDT72V70200 Datasheet HTML 3Page - Integrated Device Technology IDT72V70200 Datasheet HTML 4Page - Integrated Device Technology IDT72V70200 Datasheet HTML 5Page - Integrated Device Technology IDT72V70200 Datasheet HTML 6Page - Integrated Device Technology IDT72V70200 Datasheet HTML 7Page - Integrated Device Technology IDT72V70200 Datasheet HTML 8Page - Integrated Device Technology IDT72V70200 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
 2001 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5711/3
AUGUST 2001
IDT72V70200
3.3 VOLT TIME SLOT INTERCHANGE
DIGITAL SWITCH
512 x 512
IDT, the IDT logo are registered trademarks of Integrated Device Technology, Inc.
.UNCTIONAL BLOCK DIAGRAM
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
ODE
F0i
VCC
CS
DS/
RD
R/
W/
WR
A0-A7
GND
CCO
DTA D8-D15/
AD0-AD7
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
TX0
TX1
TX2
TX3
TX4
TX5
TX6
TX7
TX8
TX9
TX10
TX11
TX12
TX13
TX14
TX15
AS/
ALE
IM
CLK
FE
IC
TDI
TMS
TCK
TDO
TRST
RESET
IC
5711 drw01
Receive
Serial Data
Streams
Output
MUX
Loopback
Test Port
Data Memory
Internal
Registers
Microprocessor Interface
Timing Unit
Connection
Memory
Transmit
Serial Data
Streams
.EATURES:
512 x 512 channel non-blocking switching at 2.048 Mb/s
Per-channel variable or constant throughput delay
Automatic identification of ST-BUS®/GCI interfaces
Accept 16 serial data streams of 2.048 Mb/s
Automatic frame offset delay measurement
Per-stream frame delay offset programming
Per-channel high impedance output control
Per-channel Processor Mode
Control interface compatible to Intel/Motorola CPUs
Connection memory block programming
IEEE-1149.1 (JTAG) Test Port
Available in 84-pin Plastic Leaded Chip Carrier (PLCC),
100-pin Ball Grid Array (BGA), 100-pin Plastic Quad Flatpack
(PQFP) and 100-pin Thin Quad Flatpack (TQFP)
3.3V Power Supply
Operating Temperature Range -40
°°°°°C to +85°°°°°C
DESCRIPTION:
The IDT72V70200 is a non-blocking digital switch that has a capacity of
512 x 512 channels at 2.048 Mb/s. Some of the main features are: program-
mablestreamandchannelcontrol,ProcessorMode,inputoffsetdelayandhigh-
impedanceoutputcontrol.
Per-stream input delay control is provided for managing large multi-chip
switchesthattransportbothvoicechannelandconcatenateddatachannels.In
addition, input streams can be individually calibrated for input frame offset.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn