Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70200 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72V70200
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V70200 Datasheet(HTML) 3 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT72V70200 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 512 x 512
INDEX
5711 drw04
76
77
78
79
90
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
DNC
DNC
DNC
DNC
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
F0i
FE/HCLK
GND
CLK
VCC
CCO
DTA
D15
D14
D13
D12
D11
D10
D9
D8
GND
VCC
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
GND
DNC
DNC
DNC
DNC
PIN CON.IGURATIONS (CONTINUED)
INDEX
5711 drw05
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
F0i
FE
CLK
DTA
D15
D14
D13
D12
D11
D10
D9
D8
GND
VCC
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
GND
GND
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
100
99
PQFP: 0.65mm pitch, 14mm x 20mm (PQ100-2, order code: PQF)
TOP VIEW
TQFP: 0.50mm pitch, 14mm x 14mm (PN100-1, order code: PF)
TOP VIEW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn