Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70200 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # IDT72V70200
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70200 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button IDT72V70200 Datasheet HTML 16Page - Integrated Device Technology IDT72V70200 Datasheet HTML 17Page - Integrated Device Technology IDT72V70200 Datasheet HTML 18Page - Integrated Device Technology IDT72V70200 Datasheet HTML 19Page - Integrated Device Technology IDT72V70200 Datasheet HTML 20Page - Integrated Device Technology IDT72V70200 Datasheet HTML 21Page - Integrated Device Technology IDT72V70200 Datasheet HTML 22Page - Integrated Device Technology IDT72V70200 Datasheet HTML 23Page - Integrated Device Technology IDT72V70200 Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
COMMERCIALTEMPERATURERANGE
IDT72V70200 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 512 x 512
DS
5711 drw15
ADDRESS
tCSS
tDSH
tASW
tCSH
tDDR
tADS
tADH
AD0-AD7
D8-D15
WR
CS
DTA
DATA
ADDRESS
DATA
tRWS
tDWS
tSWD
tDHW
tAKD
AD0-AD7
D8-D15
RD
R/
W
AS
tRWH
tDHR
tAKH
AC ELECTRICAL CHARACTERISTICS - MULTIPLEXED BUS TIMING (MOTOROLA)
Figure 12. Multiplexed Bus Timing (Motorola Mode)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tASW
ALE Pulse Width
20
ns
tADS
Address Setup from AS falling
3
ns
tADH
Address Hold from AS falling
3
ns
tDDR
Data Setup from
DTA LOW on Read
5
ns
CL = 150pF
tCSH
CS Hold after DS falling
0
ns
tCSS
CS Setup from DS rising
0
ns
tDHW
Data Hold after Write
5
ns
tDWS
Data Setup from DS – Write (Fast Write)
20
ns
tSWD
Valid Data Delay on Write (Slow Write)
122
ns
tRWS
R/
W Setup from DS Rising
60
ns
tRWH
R/
W Hold from DS Rising
5
ns
tDHR(1)
Data Hold after Read
10
20
ns
CL = 150pF, RL = 1K
tDSH
DS Delay after AS falling
10
ns
tAKD
Acknowledgment Delay:
Reading/WritingRegisters
43/43
ns
CL = 150pF
Reading/Writing Memory
760/750
ns
CL = 150pF
tAKH(1)
Acknowledgment Hold Time
22
ns
CL = 150pF, RL = 1K
NOTE:
1. High Impedance is measured by pulling to the appropriate rail with R
L, with timing corrected to cancel time taken to discharge CL.


Similar Part No. - IDT72V70200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V70200PFBLANK IDT-IDT72V70200PFBLANK Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70200PFG RENESAS-IDT72V70200PFG Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V70200PFGBLANK IDT-IDT72V70200PFGBLANK Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
More results

Similar Description - IDT72V70200

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com