Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ2554PZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDZ2554PZ
Description  Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2554PZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDZ2554PZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
August 2004
©2004 Fairchild Semiconductor Corporation
FDZ2554PZ Rev. C3 (W)
FDZ2554PZ
Monolithic Common Drain P-Channel 2.5V Specified PowerTrench®®®® BGA MOSFET
General Description
Combining
Fairchild’s
advanced
2.5V
specified
PowerTrench process with state-of-the-art BGA
packaging, the FDZ2554PZ minimizes both PCB space
and RDS(ON).
This monolithic common drain BGA
MOSFET embodies a breakthrough in packaging
technology which enables the device to combine
excellent thermal transfer characteristics, high current
handling capability, ultra-low profile packaging, low gate
charge, and low RDS(ON).
Applications
• Battery management
• Load switch
• Battery protection
Features
• –6.5 A, –20 V. RDS(ON) = 28 mΩ @ VGS = –4.5 V
RDS(ON) = 45 mΩ @ VGS = –2.5 V
• >4800V ESD Protection
• Occupies only 0.10 cm2 of PCB area:
1/3 the area of SO-8
• Ultra-thin package: less than 0.80 mm height when
mounted to PCB
• Outstanding thermal transfer characteristics:
significantly better than SO-8
• Ultra-low Qg x RDS(ON) figure-of-merit
• High power and current handling capability
Q2
Q1
Pin 1
G
S
D
D
S
S
S
D
S
S
S
S
G
S
S
D
D
D
Bottom
Pin 1
Top
S
S
G
G
D
Q1
Q2
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current – Continuous
(Note 1a)
–6.5
A
– Pulsed
–20
PD
Power Dissipation (Steady State)
(Note 1a)
2.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
60
°C/W
RθJB
Thermal Resistance, Junction-to-Ball
(Note 1b)
6.3
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
0.6
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
2554Z
FDZ2554PZ
7’’
12mm
3000 units


Similar Part No. - FDZ2554PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results

Similar Description - FDZ2554PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com