Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ2553NZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDZ2553NZ
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2553NZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDZ2553NZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDZ2553NZ Rev C (W)
Typical Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
Qg, GATE CHARGE (nC)
ID = 9.6A
VDS = 5V
15V
10V
0
600
1200
1800
0
5
10
15
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS = 4.5V
SINGLE PULSE
RθJA = 108
oC/W
TA = 25
o
C
10ms
1ms
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
RθJA = 108°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 108 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDZ2553NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results

Similar Description - FDZ2553NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554PZ FAIRCHILD-FDZ2554PZ Datasheet
149Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com