Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ2553NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDZ2553NZ
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2553NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDZ2553NZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ2553NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDZ2553NZ Rev C (W)
Dimensional Outline and Pad Layout


Similar Part No. - FDZ2553NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results

Similar Description - FDZ2553NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554PZ FAIRCHILD-FDZ2554PZ Datasheet
149Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com