Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDW2601NZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDW2601NZ
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2601NZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDW2601NZ Datasheet HTML 1Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 2Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 3Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 4Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 5Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 6Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 7Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 8Page - Fairchild Semiconductor FDW2601NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FDW2601NZ Rev. A
www.fairchildsemi.com
5
Figure 5. Forward Bias Safe Operating Area
Figure 6. Transfer Characteristics
Figure 7. Saturation Characteristics
Figure 8. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 9. Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 10. Normalized Gate Threshold Voltage vs
Junction Temperature
Typical Characteristic (Continued) T
A = 25°C unless otherwise noted
1
10
100
0.1
1
10
40
0.5
300
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TA = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
µs
10ms
1ms
0
20
40
60
1.01.5
2.02.5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 10V
TJ = 150
oC
TJ = 25
oC
TJ = -55
oC
0
20
40
60
0
0.5
1.0
1.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 2.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 1.8V
TA = 25
oC
VGS = 4.5V
VGS = 10V
0
15
30
45
12
345
ID = 1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 8.2A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 4.5V, ID = 8.2A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.50
0.75
1.00
1.25
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA


Similar Part No. - FDW2601NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2601NZ FAIRCHILD-FDW2601NZ Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDW2601NZ VBSEMI-FDW2601NZ Datasheet
965Kb / 8P
   Dual N-Channel 3 0-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDW2601NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com