Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDW2512NZ_NL Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FDW2512NZ_NL
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2512NZ_NL Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDW2512NZ_NL Datasheet HTML 3Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 4Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 5Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 6Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 7Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 8Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 9Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 10Page - Fairchild Semiconductor FDW2512NZ_NL Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FDW2512NZ Rev. A
www.fairchildsemi.com
9
SABER Electrical Model
REV July 2004
template fdw2512nz n2,n1,n3
electrical n2,n1,n3
{
var i iscl
dp..model dbodymod = (isl = 7.3e-12, nl=0.93, rs = 20.6e-3, trs1 = 1.7e-3, trs2 = 2e-6, xti=0.2, cjo = 2.0e-10, ikf=0.2, tt = 1.05e-8,
m = 0.58, tikf=0.001)
dp..model dbreakmod = (rs = 1e-1, trs1 = 9e-3, trs2 = -2.0e-5)
dp..model dplcapmod = (cjo = 0.37e-9, isl=10e-30, nl=10, m=0.51)
dp..model desd1mod = (bv=14, rs=1)
dp..model desd2mod = (bv=14, nl=1.3, rs=1)
m..model mmedmod = (type=_n, vto = 0.96, kp=1.98, is=1e-30, tox=1)
m..model mstrongmod = (type=_n, vto = 1.2, kp = 72, is = 1e-30, tox = 1)
m..model mweakmod = (type=_n, vto = 0.72, kp = 0.02, is = 1e-30, tox = 1, rs=0.1)
sw_vcsp..model s1amod = (ron = 1e-5, roff = 0.1, von = -5, voff = -1.5)
sw_vcsp..model s1bmod = (ron = 1e-5, roff = 0.1, von = -1.5, voff = -5 )
sw_vcsp..model s2amod = (ron = 1e-5, roff = 0.1, von = -0.4, voff = 0.4)
sw_vcsp..model s2bmod = (ron = 1e-5, roff = 0.1, von = 0.4, voff = -0.4)
c.ca n12 n8 = 8.8e-10
c.cb n15 n14 = 8.8e-10
c.cin n6 n8 = 0.5e-9
dp.dbody n7 n5 = model=dbodymod
dp.dbreak n5 n11 = model=dbreakmod
dp.dplcap n10 n5 = model=dplcapmod
dp.desd1 n91 n9 = model=desd1mod
dp.desd2 n91 n7 = model=desd2mod
spe.ebreak n11 n7 n17 n18 = 22.2
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
spe.evthres n6 n21 n19 n8 = 1
i.it n8 n17 = 1
l.ldrain n2 n5 = 1e-9
l.lgate n1 n9 = 1.49e-9
l.lsource n3 n7 = 0.2e-9
res.rldrain n2 n5 = 10
res.rlgate n1 n9 = 14.9
res.rlsource n3 n7 = 2.0
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1 = 6e-4, tc2 = -5e-7
res.rdrain n50 n16 = 13.1e-3, tc1 = 6e-4, tc2 = 1.2e-5
res.rgate n9 n20 = 5.57
res.rslc1 n5 n51= 1e-6, tc1 = 1e-9, tc2 =1e-8
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 2e-4, tc1 = 8.2e-2, tc2 =1e-6
res.rvtemp n18 n19 = 1, tc1 = -1.0e-3, tc2 = 1e-6
res.rvthres n22 n8 = 1, tc1 = -13e-4, tc2 = -2.5e-6
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/120))** 2.5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
DESD1
DESD2
91


Similar Part No. - FDW2512NZ_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2512NZ FAIRCHILD-FDW2512NZ_08 Datasheet
562Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDW2512NZ_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com