Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDSS2407 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FDSS2407
Description  N-Channel Dual MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 2 page
background image
FDSS2407 Rev. A
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
A=25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
62
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
3.3
A
Continuous (TA = 25
oC, V
GS = 10V, R
θJA = 55
oC/W)
Continuous (TA = 25
oC, V
GS = 5V, R
θJA = 55
oC/W)
3.0
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy ( Note 1)
140
mJ
PD
Power dissipation
2.27
W
Derate above 25oC18
mW/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 150
oC
RθJA
Pad Area = 0.50 in2 (323 mm2) (Note 2)
55
oC/W
RθJA
Pad Area = 0.027 in2 (17.4 mm2) (Note 3)
180
oC/W
RθJA
Pad Area = 0.006 in2 (3.87 mm2) (Note 4)
200
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
2407
FDSS2407
SO-8
330 mm
12 mm
2500
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 5mA, VGS = 0V
62
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 15V, VGS=0V
-
-
1
µA
VDS = 15V, VGS=0V,
TA=150
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA1
-
3
V
rDS(ON)
Drain to Source On Resistance
ID = 3.3A, VGS = 10V
-
0.099
0.110
ID = 3.0A, VGS = 5V
-
0.115
0.132
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 75kHz
-
300
-
pF
COSS
Output Capacitance
-
140
-
pF
CRSS
Reverse Transfer Capacitance
-
16
-
pF
RG
Gate Resistance
-
8500
-
Qg(TOT)
Total Gate Charge at 5V
VGS = 0V to 5V
VDD = 30V
ID = 3.3A
Ig = 1.0mA
-3.3
4.3
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
0.4
0.5
nC
Qgs
Gate to Source Gate Charge
-
1.2
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
0.8
-
nC
Qgd
Gate to Drain “Miller” Charge
-
2.0
-
nC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI9926ADYDual N-Channel 2.5-V G-S MOSFET 1 2 3 4 Vishay Siliconix
SI4942DYDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI7946DPDual N-Channel 150-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI1024XDual N-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6925ADQDual N-Channel 2.5-V G-S MOSFET 1 2 3 Vishay Siliconix
SI4992EYDual N-Channel 75-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SFS4936Dual N-Channel MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7970DPDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
FDS8978Dual N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
TSM6866D20V Dual N-Channel MOSFET w/ESD Protected 1 2 3 4 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl