Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDSS2407 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FDSS2407
Description  N-Channel Dual MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 5 page
background image
FDSS2407 Rev. A
www.fairchildsemi.com
5
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics (Continued) T
A = 25°C unless otherwise noted
0.1
1
10
100
110
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TA = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10ms
100
µs
1ms
RθJA = 55
oC/W
1
10
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
5
10
15
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 150
oC
TJ = 25
oC
TJ = -55
oC
0
5
10
15
0
0.5
1.0
1.5
2.0
2.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 3.5V
VGS = 3V
VGS = 10V
TA = 25
oC
90
120
150
180
210
240
24
68
10
ID = 1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 3.3A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 3.3A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI9926ADYDual N-Channel 2.5-V G-S MOSFET 1 2 3 4 Vishay Siliconix
SI4942DYDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI7946DPDual N-Channel 150-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI1024XDual N-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6925ADQDual N-Channel 2.5-V G-S MOSFET 1 2 3 Vishay Siliconix
SI4992EYDual N-Channel 75-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SFS4936Dual N-Channel MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7970DPDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
FDS8978Dual N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
TSM6866D20V Dual N-Channel MOSFET w/ESD Protected 1 2 3 4 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl