Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDSS2407 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FDSS2407
Description  N-Channel Dual MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 3 page
background image
FDSS2407 Rev. A
www.fairchildsemi.com
3
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Drain Feedback Characteristics
Gate Drive Disable Characteristics
Notes:
1. Starting TJ = 25°C, L = 42mH, IAS = 2.6A, VDD = 62V, VGS = 10V.
2. 55oC/W measured using FR-4 board with 0.50 in2 (323 mm2) copper pad at 1 second.
3. 180oC/W measured using FR-4 board with 0.027 in2 (17.4 mm2) copper pad at 1000 seconds.
4. 200oC/W measured using FR-4 board with 0.006 in2 (3.87 mm2) copper pad at 1000 seconds.
tON
Turn-On Time
VDD = 30V, ID = 3.3A
VGS = 10V, RGS = 47Ω
-
-
2700
ns
td(ON)
Turn-On Delay Time
-
630
-
ns
tr
Rise Time
-
1200
-
ns
td(OFF)
Turn-Off Delay Time
-
8700
-
ns
tf
Fall Time
-
3500
-
ns
tOFF
Turn-Off Time
-
-
18500
ns
VSD
Source to Drain Diode Voltage
ISD = 3.3A
-
-
1.25
V
ISD = 1.7A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 3.3A, dISD/dt = 100A/µs-
-
45
ns
QRR
Reverse Recovered Charge
ISD = 3.3A, dISD/dt = 100A/µs-
-
60
nC
VFBK(Low) Feedback to Source Voltage
VDS = 35V, RFBK-SOURCE =51KΩ
-1
1.5
V
VFBK(High) Feedback to Source Voltage
VDS = 62V, RFBK-SOURCE =51KΩ
3.5
4.4
-
V
VDIS(High)
Gate Drive Disable Input Voltage, Gate
Enabled
VGS = 5V, ID = 3.0A, TJ=25
oC3
-
-
V
VDIS(Low)
Gate Drive Disable Input Voltage, Gate
Disabled
VGS = VDS = 10V, ID ≤ 250µA,
TJ=150
oC
--
0.4
V
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI9926ADYDual N-Channel 2.5-V G-S MOSFET 1 2 3 4 Vishay Siliconix
SI4942DYDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI7946DPDual N-Channel 150-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI1024XDual N-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6925ADQDual N-Channel 2.5-V G-S MOSFET 1 2 3 Vishay Siliconix
SI4992EYDual N-Channel 75-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SFS4936Dual N-Channel MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7970DPDual N-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
FDS8978Dual N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
TSM6866D20V Dual N-Channel MOSFET w/ESD Protected 1 2 3 4 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl