Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS8960C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS8960C
Description  Dual N & P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8960C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS8960C Datasheet HTML 1Page - Fairchild Semiconductor FDS8960C Datasheet HTML 2Page - Fairchild Semiconductor FDS8960C Datasheet HTML 3Page - Fairchild Semiconductor FDS8960C Datasheet HTML 4Page - Fairchild Semiconductor FDS8960C Datasheet HTML 5Page - Fairchild Semiconductor FDS8960C Datasheet HTML 6Page - Fairchild Semiconductor FDS8960C Datasheet HTML 7Page - Fairchild Semiconductor FDS8960C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS8960C Rev C(W)
www.fairchildsemi.com
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V,
ID = 250
µA
VGS = 0 V,
ID = –250
µA
Q1
Q2
35
–35
V
∆BVDSS
∆T
J
Breakdown Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
ID = –250 µA, Referenced to 25
°C
Q1
Q2
31
–40
mV/
°C
IDSS
Zero Gate Voltage Drain
Current
VDS = 28 V,
VGS = 0 V
VDS = –28 V,
VGS = 0 V
Q1
Q2
1
–1
µA
IGSSF
Gate-Body Leakage, Forward VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage, Reverse VGS = –20 V,
VDS = 0 V
Q1
–100
nA
IGSSR
Gate-Body Leakage, Forward VGS = 25 V,
VDS = 0 V
100
nA
IGSSF
Gate-Body Leakage, Reverse VGS = –25 V,
VDS = 0 V
Q2
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
VDS = VGS,
ID = –250 µA
Q1
Q2
1
–1
2
–1.8
3
–3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
ID = –250 µA, Referenced to 25
°C
Q1
Q2
–5
4
mV/
°C
VGS = 10 V,
ID = 7 A
VGS = 4.5 V,
ID = 6 A
VGS = 10 V, ID = 7 A, TJ = 125
°C
Q1
20
25
29
24
32
37
m
RDS(on)
Static Drain-Source
On-Resistance
VGS = –10 V,
ID = –5 A
VGS = –4.5 V,
ID = –4 A
VGS = –10 V, ID = –5 A, TJ = 125
°C
Q2
44
70
61
53
87
79
gFS
Forward Transconductance
VDS = 5 V,
ID = 7 A
VDS = –5 V,
ID =–5 A
Q1
Q2
23
9
S
Dynamic Characteristics
Ciss
Input Capacitance
Q1
Q2
570
540
pF
Coss
Output Capacitance
Q1
Q2
126
113
pF
Crss
Reverse Transfer Capacitance
Q1
VDS = 15 V, VGS = 0 V, f = 1.0 MHz
Q2
VDS = –15 V, VGS = 0 V, f = 1.0 MHz
Q1
Q2
52
60
pF
RG
Gate Resistance
f = 1.0 MHz
Q1
Q2
2
6


Similar Part No. - FDS8960C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8960C FAIRCHILD-FDS8960C Datasheet
157Kb / 8P
   Dual N & P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS8960C_0511 FAIRCHILD-FDS8960C_0511 Datasheet
157Kb / 8P
   Dual N & P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS8960C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_10 Datasheet
804Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4895C FAIRCHILD-FDS4895C Datasheet
162Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS8958 KEXIN-KDS8958 Datasheet
78Kb / 3P
   Dual N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4897C FAIRCHILD-FDS4897C Datasheet
159Kb / 9P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com