Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS8870_NL Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS8870_NL
Description  N-Channel PowerTrench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8870_NL Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS8870_NL Datasheet HTML 1Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 8Page - Fairchild Semiconductor FDS8870_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FDS8870 Rev. A3
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
18
A
Continuous (TA = 25
oC, V
GS = 10V, R
θJA = 50
oC/W)
Continuous (TA = 25
oC, V
GS = 4.5V, R
θJA = 50
oC/W)
17
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
420
mJ
PD
Power dissipation
2.5
W
Derate above 25
oC20
mW/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 150
oC
RθJC
Thermal Resistance, Junction to Case (Note 2)
25
oC/W
RθJA
Thermal Resistance, Junction to Ambient at 10 seconds (Note 3)
50
oC/W
RθJA
Thermal Resistance, Junction to Ambient at 1000 seconds (Note 3)
85
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8870
FDS8870
SO-8
330mm
12mm
2500 units
FDS8870
FDS8870_NL (Note 4)
SO-8
330mm
12mm
2500 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
-
-
1
µA
VGS = 0V
TA = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.2
-
2.5
V
rDS(ON)
Drain to Source On Resistance
ID = 18A, VGS = 10V
-
0.0035
0.0042
ID = 17A, VGS = 4.5V
-
0.0039
0.0049
ID = 18A, VGS = 10V,
TA = 150
oC
-
0.0055
0.0072
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-4615
-
pF
COSS
Output Capacitance
-
900
-
pF
CRSS
Reverse Transfer Capacitance
-
450
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
0.5
2.0
3.5
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 18A
Ig = 1.0mA
-85
112
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
45
62
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
4.6
6.0
nC
Qgs
Gate to Source Gate Charge
-
11
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
6.4
-
nC
Qgd
Gate to Drain “Miller” Charge
-
15
-
nC


Similar Part No. - FDS8870_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8870 FAIRCHILD-FDS8870_07 Datasheet
633Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS8870_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com