Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC273DT Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74AC273DT
Description  OCTAL D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC273DT Datasheet(HTML) 6 Page - ON Semiconductor

  MC74AC273DT Datasheet HTML 1Page - ON Semiconductor MC74AC273DT Datasheet HTML 2Page - ON Semiconductor MC74AC273DT Datasheet HTML 3Page - ON Semiconductor MC74AC273DT Datasheet HTML 4Page - ON Semiconductor MC74AC273DT Datasheet HTML 5Page - ON Semiconductor MC74AC273DT Datasheet HTML 6Page - ON Semiconductor MC74AC273DT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC74AC273, MC74ACT273
http://onsemi.com
6
AC OPERATING REQUIREMENTS
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
50
30
45
50
ns
3–9
ts
Setu Time, HIGH or LOW
Data to CP
5.0
3.0
4.5
5.0
ns
3–9
th
Hold Time, HIGH or LOW
50
–2 5
20
20
ns
3–9
th
Hold Time, HIGH or LOW
Data to CP
5.0
–2.5
2.0
2.0
ns
3–9
tw
Clock Pulse Width
50
25
40
45
ns
3–6
tw
Clock Pulse Width
HIGH or LOW
5.0
2.5
4.0
4.5
ns
3–6
tw
MR Pulse Width
50
25
40
45
ns
3–6
tw
HIGH or LOW
5.0
2.5
4.0
4.5
ns
3–6
trec
Recovery Time
50
–1 0
20
30
ns
3–6
trec
Recovery Time
MR to CP
5.0
–1.0
2.0
3.0
ns
3–6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V


Similar Part No. - MC74AC273DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC273DTR2 ONSEMI-MC74AC273DTR2 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC74AC273DTR2G ONSEMI-MC74AC273DTR2G Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC74AC273DTR2G ONSEMI-MC74AC273DTR2G Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
More results

Similar Description - MC74AC273DT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com