Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9F52250 Datasheet(PDF) 1 Page - Schneider Electric

Part No. M9F52250
Description  Multi 9 - C60BPR - MCB - 2P - 50 A - C Curve - 240 V - 10 kA - UL 489
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

M9F52250 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
M9F52250
Multi 9 - C60BPR - MCB - 2P - 50 A - C Curve -
240 V - 10 kA - UL 489
Product availability : Stock - Normally stocked in distribution facility
Price** : 273.00 USD
Main
Range
Multi 9
Product name
Multi 9 C60
Product or component type
Miniature circuit-breaker
Device short name
C60BPR
Device application
Distribution
Poles description
2P
Number of protected poles
2
Line Rated Current
50 A 77 °F (25 °C) EN/IEC 60947-2
Network type
AC
Trip unit technology
Thermal-magnetic
Curve code
C
Breaking capacity
6 kA Icu 440 V AC EN/IEC 60947-2
10 kA Icu 415 V AC EN/IEC 60947-2
20 kA Icu 240 V AC EN/IEC 60947-2
6 kA Icu 440 V AC GB 14048.2
10 kA Icu 415 V AC GB 14048.2
20 kA Icu 240 V AC GB 14048.2
10 kA AIR 240 V AC UL 489
10 kA AIR 240 V AC CSA C22.2 No 5
Suitability for isolation
Yes EN/IEC 60947-2
Standards
EN/IEC 60947-2
GB 14048.2
UL 489
CSA C22.2 No 5
Product certifications
IEC
CCC
CSA
UL
Mar 19, 2020
1


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn