Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDR8702H Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDR8702H
Description  20V N & P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR8702H Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDR8702H Datasheet HTML 1Page - Fairchild Semiconductor FDR8702H Datasheet HTML 2Page - Fairchild Semiconductor FDR8702H Datasheet HTML 3Page - Fairchild Semiconductor FDR8702H Datasheet HTML 4Page - Fairchild Semiconductor FDR8702H Datasheet HTML 5Page - Fairchild Semiconductor FDR8702H Datasheet HTML 6Page - Fairchild Semiconductor FDR8702H Datasheet HTML 7Page - Fairchild Semiconductor FDR8702H Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDR8702H Rev C (W)
Electrical CharacteristicsT
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Q
Min
Typ
Max
Units
Drain-Source Diode Characteristics
IS
Maximum Continuous Drain–Source Diode Forward Current
Q1
0.7
A
Q2
–0.7
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 0.7A, Note 2
VGS = 0 V, IS = –0.7A, Note 2
Q1
Q2
0.7
–0.7
1.2
–1.2
V
trr
Reverse Recovery Time
Q1
Q2
16
22
ns
Irm
Maximum Reverse Recovery
Current
Q1
Q2
0.6
0.7
A
Qrr
Reverse Recovery Charge
For Q1:
IF = 3.6A, dIF/dt = 100A/µs
For Q2:
IF = –2.6A, dIF/dt = 100A/µs
Q1
Q2
5
8
nC
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a)
76°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b)
146°C/W when mounted
on a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDR8702H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305 FAIRCHILD-FDR8305 Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8321L FAIRCHILD-FDR8321L Datasheet
222Kb / 8P
   P-Channel MOSFET With Gate Driver For Load Switch Application
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
More results

Similar Description - FDR8702H

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
SI6433DQ FAIRCHILD-SI6433DQ Datasheet
137Kb / 5P
   20V P-Channel PowerTrench MOSFET
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com