Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M5W416CWG-85HI Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M5M5W416CWG-85HI
Description  4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5W416CWG-85HI Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M5W416CWG-85HI Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5W416CWG-85HI Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M ITSUBISHI ELECTRIC
M5M5W416CWG -85HI
2000.11.22
Ver. 1.0
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
AC ELECTRICAL CHARACTERISTICS (Vcc=1.65 ~ 2.3V, unless otherwise noted)
Input rise time and f all time
Ref erence lev el
Output loads
1.65~2.3V
VIH=0.7 x Vcc+0.2V, VIL=0.2V
Transition is measured ±200mV from
steady state voltage.(for ten,tdis)
5ns
Fig.1,CL=30pF
CL=5pF (for ten,tdis)
(1) TEST CONDITIONS
Supply v oltage
Input pulse
1TTL
CL
DQ
Fig.1 Output load
Including scope and
jig capacitance
tCR
ns
ta(S1)
ta(OE)
tdis(S1)
tdis(OE)
ten(S1)
ten(OE)
tV(A)
ta(A)
10
45
ns
ns
ns
ns
ns
ns
ns
ns
ta(BC1)
ta(BC2)
tdis(BC1)
tdis(BC2)
tdis(BC1)
tdis(BC2)
ns
ns
ns
ns
ns
ns
85
30
30
30
30
10
10
5
10
ta(S2)
ns
ten(S2)
10
ns
tdis(S2)
ns
30
85
85HI
4
tsu(A-WH)
tCW
tw(W)
tsu(A)
tsu(S1)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
ten(OE)
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tsu(BC1)
tsu(BC2)
tsu(S2)
ns
30
30
85
60
0
70
5
5
70
70
70
35
0
0
70
Symbol
Parameter
Read cy cle time
Limits
Address access time
Chip select 1 access time
Chip select 2 access time
By te control 1 access time
By te control 2 access time
Output enable access time
Output disable time aft er S2 low
Output disable time aft er S1 high
Output disable time aft er BC1 high
Max
Min
Units
(2) READ CYCLE
Output disable time aft er BC2 high
Output disable time aft er OE high
Output enable time af ter S1 low
Output enable time af ter S2 high
Output enable time af ter BC1 low
Output enable time af ter BC2 low
Output enable time af ter OE low
Data v alid time after address
(3) WRITE CYCLE
Max
Min
Limits
Units
Write cy cle time
Write pulse width
Address setup time
Address setup time with respect to W
By te control 1 setup time
By te control 2 setup time
Chip select 1 setup time
Chip select 2 setup time
Data setup time
Data hold time
Write recov ery time
Output disable time f rom W low
Output disable time f rom OE high
Output enable time f rom W high
Output enable time f rom OE low
Symbol
Parameter
VOH=VOL=0.9V
85HI
85
85
85
85


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M5M5Y416CWG-70HI 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5Y416CWG-85HI 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M54R16AJ-10 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5V416BTP 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5V416BUG-70HI 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5V416BWG 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5V416CWG-70HI 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M51R16AWG-10L 1048576-BIT 65536-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CXK5T16100TM- 65536-word x 16-bit High Speed CMOS Static RAM 1  2  3  4  5  More Sony Corporation
TC55VZM216A 262 144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn