Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38191M3-XXXFS Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M38191M3-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38191M3-XXXFS Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M38191M3-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M38191M3-XXXFS Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
I/O PORTS
Direction Registers
The 3819 group has 54 programmable I/O pins arranged in 8 I/O
ports (ports P24–P27, P41–P44, P46, P47, P5–P8, PA, and PB).
The I/O ports have direction registers which determine the input/
output direction of each individual pin. Each bit in a direction reg-
ister corresponds to one pin, each pin can be set to be input or
output.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin
becomes an output pin.
If data is read from a pin which is set for output, the value of the
port latch is read, not the value of the pin itself. A pin which is set
for input the value of the pin itself is read because the pin is in
floating state. If a pin set for input is written to, only the port latch
is written to and the pin remains floating.
High-Breakdown-Voltage Output Ports
The 3819 group microprocessors have 7 ports with high-break-
down-voltage pins (ports P0, P1, P20–P23, P3, P8, P9, PA). The
high-breakdown-voltage ports have P-channel open-drain output
with VCC –40 V of breakdown voltage.
Each pin in ports P0, P1, P20–P23, P3, and P9 has an internal
pull-down resistor connected to VEE. Ports P8 and PA have no in-
ternal pull-down resistors, so that connect an external resistor to
each port. At reset, the P-channel output transistor of each port
latch is turned off, so it becomes VEE level (“L”) by the pull-down
resistor.
Writing “1” (weak drivability) to bit 7 of the FLDC mode register 1
(address 003616) shows the rising transition of the output transis-
tors for reducing transient noise. At reset, bit 7 of the FLDC mode
register 1 is set to “0” (strong drivability).
Pin
Name
Input/Output
I/O Format
Non-Port Function
Related SFRS
Diagram
No.
P00/SEG32/
DIG0
P07/SEG39/
DIG7
P10/SEG40/
DIG8
P17/DIG15
P20/DIG16
P23/DIG19
P24–P27
P30/SEG24
P37/SEG31
P40/INT0
P45/INT1/
ZCR
High-breakdown-
voltage P-channel
open-drain output
with pull-down
resistor
High-breakdown-
voltage P-channel
open-drain output
with pull-down
resistor
High-breakdown-
voltage P-channel
open-drain output
with pull-down
resistor
TTL level input
CMOS 3-state output
High-breakdown-
voltage P-channel
open-drain output
with pull-down
resistor
CMOS compatible
input level
P42/INT2
P44/INT4
P46/T1OUT,
P47/T3OUT
P41
CMOS compatible
input level
CMOS 3-state output
Port P0
Port P1
Port P2
Port P3
Port P4
Output
Output
Output
Input/output,
individual bits
Output
Input
Input/output,
individual bits
FLD automatic dis-
play function
FLD automatic dis-
play function
FLD automatic dis-
play function
FLD automatic dis-
play function
External interrupt
input
Zero cross detec-
tion circuit input
(P45)
Timer output
FLDC mode register 1
FLDC mode register 2
Port P0
segment/digit
switch register
FLDC mode register 1
FLDC mode register 2
FLDC mode register 1
FLDC mode register 2
Port P2 digit/port
switch register
FLDC mode register 1
FLDC mode register 2
Interrupt edge
selection register
Zero cross detection
control register
Timer 12 mode register
Timer 34 mode register
(1)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(4)
(8)


Similar Part No. - M38191M3-XXXFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38197MA-XXXFP RENESAS-M38197MA-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38191M3-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com