Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC259D Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74AC259D
Description  8?묪it Addressable Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC259D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74AC259D Datasheet HTML 2Page - ON Semiconductor MC74AC259D Datasheet HTML 3Page - ON Semiconductor MC74AC259D Datasheet HTML 4Page - ON Semiconductor MC74AC259D Datasheet HTML 5Page - ON Semiconductor MC74AC259D Datasheet HTML 6Page - ON Semiconductor MC74AC259D Datasheet HTML 7Page - ON Semiconductor MC74AC259D Datasheet HTML 8Page - ON Semiconductor MC74AC259D Datasheet HTML 9Page - ON Semiconductor MC74AC259D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC74AC259, MC74ACT259
http://onsemi.com
6
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
9.0
14.5
1.5
17.0
ns
3−5
Dn to Qn
5.0
2.0
6.5
10.0
1.5
11.5
tPHL
Propagation Delay
3.3
2.0
9.0
13.5
1.5
16.0
ns
3−5
Dn to Qn
5.0
2.0
6.0
9.5
1.5
11.0
tPLH
Propagation Delay
3.3
2.0
10.5
15.0
1.5
17.5
ns
3−6
E to Qn
5.0
2.0
7.0
10.5
1.5
12.5
tPHL
Propagation Delay
3.3
2.0
8.0
12.5
1.5
15.0
ns
3−6
E to Qn
5.0
2.0
7.5
9.0
1.5
11.0
tPLH
Propagation Delay
3.3
2.0
12.0
19.0
1.5
22.5
ns
3−6
Address to Qn
5.0
2.0
8.0
13.0
1.5
15.5
tPHL
Propagation Delay
3.3
2.0
10.0
16.0
1.5
19.0
ns
3−6
Address to Qn
5.0
2.0
7.0
11.0
1.5
13.0
tPHL
Propagation Delay
3.3
2.0
8.0
12.0
1.5
13.5
ns
3−7
MR to Q
5.0
2.0
6.0
9.0
1.5
10.0
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
3.5
4.5
ns
3−9
Dn to E
5.0
2.5
3.5
th
Hold Time, HIGH or LOW
3.3
2.5
2.5
ns
3−9
Dn to E
5.0
2.0
2.0
ts
Setup Time
3.3
7.0
9.0
ns
3−6
Address to E
5.0
4.0
6.0
th
Hold Time
3.3
2.0
2.0
ns
3−6
Address to E
5.0
2.0
2.0
tw
Minimum Pulse
3.3
6.0
6.5
ns
3−6
Width MR
5.0
5.5
6.0
tw
Minimum Pulse
3.3
6.5
7.0
ns
3−6
Width E
5.0
5.5
6.0
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC259D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC259DG ONSEMI-MC74AC259DG Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
MC74AC259DR2G ONSEMI-MC74AC259DR2G Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results

Similar Description - MC74AC259D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_05 Datasheet
101Kb / 8P
   8?묪it Addressable Latches
August, 2005 ??Rev. 6
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com