Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT6L58AE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. MT6L58AE
Description  TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

MT6L58AE Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MT6L58AE
2003-07-31
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
MT6L58AE
VHF~UHF Band Low Noise Amplifier Applications
• Two devices are built in to the super-thin and extreme super mini (6
pins) package: ES6
Mounted Devices
Q1: SSM (TESM)
Q2: SSM (TESM)
Three-pins (SSM/TESM) mold
products are corresponded.
MT3S06S
(MT3S06T)
MT3S03AS
(MT3S03AT)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Q1
Q2
Unit
Collector-base voltage
VCBO
10
10
V
Collector-emitter voltage
VCEO
5
5
V
Emitter-base voltage
VEBO
1.5
2
V
Collector current
IC
15
40
mA
Base current
IB
7
10
mA
Collector power dissipation
PC
(Note 1)
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note 1: Total power dissipation of Q1 and Q2.
Marking
Pin Assignment (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2N1C
Weight: 0.003 g (typ.)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn