Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9310A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9310A
Description  1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9310A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9310A Datasheet HTML 1Page - Maxim Integrated Products MAX9310A Datasheet HTML 2Page - Maxim Integrated Products MAX9310A Datasheet HTML 3Page - Maxim Integrated Products MAX9310A Datasheet HTML 4Page - Maxim Integrated Products MAX9310A Datasheet HTML 5Page - Maxim Integrated Products MAX9310A Datasheet HTML 6Page - Maxim Integrated Products MAX9310A Datasheet HTML 7Page - Maxim Integrated Products MAX9310A Datasheet HTML 8Page - Maxim Integrated Products MAX9310A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1:5 Clock Driver with Selectable LVPECL
Inputs/Single-Ended Inputs and LVDS Outputs
_______________________________________________________________________________________
5
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
43
44
45
46
47
48
49
50
51
52
42
-40
85
ALL PINS ARE OPEN EXCEPT VCC
AND GND OUTPUTS LOADED WITH 100
DIFFERENTIAL
DIFFERENTIAL OUTPUT VOLTAGE (VOH - VOL)
vs. FREQUENCY
FREQUENCY (GHz)
1.50
1.25
0.25
0.50
0.75
1.00
100
150
200
250
300
350
400
450
50
0
1.75
OUTPUT RISE/FALL vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
205
210
215
220
200
-40
85
tF
tR
fIN = 500MHz
Typical Operating Characteristics
(VCC - GND = 3.3V, outputs terminated with 100
Ω±1%, fIN = 1.0GHz, input transition time = 125ps (20% to 80%),VIHD = VCC - 1.0V,
VILD = VCC - 1.5V, unless otherwise noted.)
PROPAGATION DELAY vs. HIGH VOLTAGE
OF DIFFERENTIAL INPUT (VIHD)
VIHD (V)
3.0
2.7
2.4
2.1
1.8
1.5
310
330
350
370
390
290
1.2
3.3
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
320
340
360
380
400
300
-40
85


Similar Part No. - MAX9310A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX931-MAX934 MAXIM-MAX931-MAX934 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311ECJ MAXIM-MAX9311ECJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311EGJ MAXIM-MAX9311EGJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
More results

Similar Description - MAX9310A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9317-MAX9317C MAXIM-MAX9317-MAX9317C Datasheet
315Kb / 10P
   Dual 1:5 Differential Clock Drivers with LVPECL Inputs and LVDS Outputs
Rev 0; 7/02
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
logo
Analog Devices
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310_05 Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com