Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4053EDD-4.2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4053EDD-4.2
Description  USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4053EDD-4.2 Datasheet(HTML) 3 Page - Linear Technology

  LTC4053EDD-4.2 Datasheet HTML 1Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 2Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 3Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 4Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 5Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 6Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 7Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 8Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4053-4.2
3
4053fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The Absolute Maximum BAT Current Rating of 1.3A is guaranteed
by design and current density calculations. The Absolute Maximum PROG
Current Rating is guaranteed to be 1/1000 of BAT current rating by design.
Note 3: The LTC4053E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPROG
PROG Pin Voltage
RPROG = 3k, IPROG = 500µA
1.5
V
ICHRG
CHRG Pin Weak Pulldown Current
VCHRG = 1V
15
30
50
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
VACPR
ACPR Pin Output Low Voltage
IACPR = 5mA
0.35
0.6
V
VFAULT
FAULT Pin Output Low Voltage
IFAULT = 5mA
0.35
0.6
V
IC/10
End of Charge Indication Current Level
RPROG = 3k
44
50
56
mA
tTIMER
TIMER Accuracy
CTIMER = 0.1µF10
%
VRECHRG
Recharge Battery Voltage Threshold
Battery Voltage Falling
4.035
V
VNTC-HOT
NTC Pin Hot Threshold Voltage
VNTC Falling
2.5
V
VHOT-HYS
NTC Pin Hot Hysteresis Voltage
80
mV
VNTC-COLD
NTC Pin Cold Threshold Voltage
VNTC Rising
4.375
V
VCOLD-HYS
NTC Pin Cold Hystersis Voltage
80
mV
VNTC-DIS
NTC Pin Disable Threshold Voltage
VNTC Rising
100
mV
VDIS-HYS
NTC Pin Disable Hystersis Voltage
10
mV
TLIM
Junction Temperature in
105
°C
Constant-Temperature Mode
RON
Power MOSFET “ON” Resistance
375
m
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 4: Failure to solder the exposed backside of the package to the PC
board will result in a thermal resistance much higher than 40
°C/W.
Note 5: Supply current includes PROG pin current (approximately 50
µA)
but does not include any current delivered to the battery through the BAT
pin (approximately 50mA).
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V


Similar Part No. - LTC4053EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053 LINER-LTC4053 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4053 LINER-LTC4053 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4053 LINER-LTC4053 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC4053EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733 Datasheet
169Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
   Independent linear lithium battery charger with thermal regulation function
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
   Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com