Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9F13310 Datasheet(PDF) 2 Page - Schneider Electric

Part No. M9F13310
Description  Multi 9 - C60H - MCB - 3P - 10 A - B Curve - 415 V - 15 kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F13310 Datasheet(HTML) 2 Page - Schneider Electric

  M9F13310 Datasheet HTML 1Page - Schneider Electric M9F13310 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Ics] rated service breaking capacity
15 kA 50 % EN/IEC 60947-2 - 240 V AC 50/60 Hz
7.5 kA 50 % EN/IEC 60947-2 - 415 V AC 50/60 Hz
5 kA 50 % EN/IEC 60947-2 - 440 V AC 50/60 Hz
40 kA 100 % EN/IEC 60947-2 - <= 125 V DC
[Ui] rated insulation voltage
500 V AC 50/60 Hz EN/IEC 60947-2
[Uimp] rated impulse withstand voltage
6 kVEN/IEC 60947-2
Contact position indicator
Yes
Control type
Toggle
Local signalling
ON/OFF indication
Mounting mode
Clip-on
Mounting support
DIN rail
9 mm pitches
6
Height
3.19 in (81 mm)
Width
2.13 in (54 mm)
Depth
2.83 in (72 mm)
Net weight
0.79 lb(US) (0.36 kg)
Color
Grey
Mechanical durability
20000 cycles
Electrical durability
10000 cycles
Provision for padlocking
Padlockable
Connections - terminals
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - rigid
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - flexible
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - flexible with ferrule
Wire stripping length
0.55 in (14 mm) top or bottom
Tightening torque
17.70 lbf.in (2 N.m) top or bottom
Earth-leakage protection
Separate block
Environment
Heat dissipation
5.4 W 415 V - 10 A
IP degree of protection
IP20IEC 60529
IP40 modular enclosure)IEC 60529
Pollution degree
3 EN/IEC 60947-2
Overvoltage category
IV
Tropicalisation
2 IEC 60068-1
Relative humidity
95 % 131 °F (55 °C)
Ambient air temperature for operation
-22…158 °F (-30…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
GTIN
03606480929663
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn