Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL5Y024CM Datasheet(PDF) 3 Page - International Rectifier

Part # IRL5Y024CM
Description  HEXFET POWER MOSFET THRU-HOLE (TO-257AA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL5Y024CM Datasheet(HTML) 3 Page - International Rectifier

  IRL5Y024CM Datasheet HTML 1Page - International Rectifier IRL5Y024CM Datasheet HTML 2Page - International Rectifier IRL5Y024CM Datasheet HTML 3Page - International Rectifier IRL5Y024CM Datasheet HTML 4Page - International Rectifier IRL5Y024CM Datasheet HTML 5Page - International Rectifier IRL5Y024CM Datasheet HTML 6Page - International Rectifier IRL5Y024CM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
IRL5Y024CM
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
15
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
8.0V
5.0V
4.0V
3.0V
BOTTOM 2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
12V
10V
8.0V
5.0V
4.0V
3.0V
BOTTOM 2.5V
1
10
100
2
4
6
8
10
12

V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature( C)
J
°


V
=
I =
GS
D
10V
17A


Similar Part No. - IRL5Y024CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL5Y024CM IRF-IRL5Y024CM Datasheet
107Kb / 7P
   Simple Drive Requirements
IRL5Y024CM IRF-IRL5Y024CM_15 Datasheet
107Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRL5Y024CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY11N50CMA IRF-IRFY11N50CMA Datasheet
106Kb / 7P
   HEXFET POWER MOSFET THRU-HOLE (TO-257AA)
IRL5Y7413CM IRF-IRL5Y7413CM Datasheet
104Kb / 7P
   HEXFET POWER MOSFET THRU-HOLE (TO-257AA)
IRL7Y1905C IRF-IRL7Y1905C Datasheet
114Kb / 7P
   HEXFET POWER MOSFET THRU-HOLE (TO-257AA) 50V, N-CHANNEL
IRFY440M IRF-IRFY440M Datasheet
135Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY130C IRF-IRFY130C Datasheet
167Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com