Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74CBTLV3384Q Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74CBTLV3384Q
Description  LOW-VOLTAGE 10-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV3384Q Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74CBTLV3384Q Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV3384Q Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV3384Q Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV3384Q Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV3384Q Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74CBTLV3384
LOW-VOLTAGE 10-BIT BUS SWITCH
PIN CONFIGURATION
SSOP/ QSOP/ TSSOP
TOP VIEW
Symbol
Description
Max
Unit
VCC
SupplyVoltage Range
–0.5 to +4.6
V
VI
Input Voltage Range
–0.5 to +4.6
V
Continuous Channel Current
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
Storage Temperature
–65 to +150
° C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Z = High Impedance
Input
Inputs/Outputs
1OE
2OE
1
B1 - 1B52B1 - 2B5
LL
1
A1 - 1A52A1 - 2A5
LH
1
A1 - 1A5
Z
HL
Z
2
A1 - 2A5
HH
Z
Z
FUNCTION TABLE(1)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
Supply Voltage
2.3
3.6
V
VIH
High-Level Control Input Voltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-Level Control Input Voltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
OperatingFree-AirTemperature
−40
85
°C
OPERATING CHARACTERISTICS, TA = 25°C(1)
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
VCC
2A5
2A4
2B4
2B3
2A3
2A2
2B2
2B1
1B1
1A1
1A2
1B2
1B3
1A3
1A4
1B4
1B5
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
1OE
21
22
23
24
2A1
2OE
1A5
GND
2B5


Similar Part No. - IDT74CBTLV3384Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
More results

Similar Description - IDT74CBTLV3384Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3861 RENESAS-74CBTLV3861 Datasheet
254Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com