Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC240N Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC240N
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC240N Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC240N Datasheet HTML 1Page - ON Semiconductor MC74AC240N Datasheet HTML 2Page - ON Semiconductor MC74AC240N Datasheet HTML 3Page - ON Semiconductor MC74AC240N Datasheet HTML 4Page - ON Semiconductor MC74AC240N Datasheet HTML 5Page - ON Semiconductor MC74AC240N Datasheet HTML 6Page - ON Semiconductor MC74AC240N Datasheet HTML 7Page - ON Semiconductor MC74AC240N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 6
1
Publication Order Number:
MC74AC240/D
MC74AC240, MC74ACT240
Octal Buffer/Line Driver
with 3−State Outputs
The MC74AC240/74ACT240 is an octal buffer and line driver
designed to be employed as a memory address driver, clock driver and
bus oriented transmitter or receiver which provides improved PC
board density.
3−State Outputs Drive Bus Lines or Buffer Memory Address
Registers
Outputs Source/Sink 24 mA
′ACT240 Has TTL Compatible Inputs
19
20
18
17
16
15
14
2
1
345
67
VCC
13
8
12
9
11
10
OE2
OE1
GND
Figure 1. Pinout: 20−Lead Packages Conductors
(Top View)
TRUTH TABLE
Inputs
Outputs
OE1
D
(Pins 12, 14, 16, 18)
L
L
H
L
H
L
H
X
Z
NOTE:
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRUTH TABLE
Inputs
Outputs
OE2
D
(Pins 3, 5, 7, 9)
L
L
H
L
H
L
H
X
Z
NOTE:
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
1
20
PDIP−20
N SUFFIX
CASE 738
1
20
1
20
1
20
SO−20
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
EIAJ−20
M SUFFIX
CASE 967
Device
Package
Shipping
ORDERING INFORMATION
MC74AC240N
PDIP−20
18 Units/Rail
MC74ACT240N
PDIP−20
18 Units/Rail
MC74AC240DW
SOIC−20
38 Units/Rail
MC74AC240DWR2
SOIC−20
1000 Tape & Reel
MC74ACT240DW
SOIC−20
38 Units/Rail
MC74ACT240DWR2
SOIC−20
1000 Tape & Reel
MC74AC240DTR2
TSSOP−20
2500 Tape & Reel
MC74ACT240DTR2
TSSOP−20
2500 Tape & Reel
MC74AC240MEL
EIAJ−20
2000 Tape & Reel
MC74ACT240MEL
EIAJ−20
2000 Tape & Reel
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - MC74AC240N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC240N ONSEMI-MC74AC240N Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC240NG ONSEMI-MC74AC240NG Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC240N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com