Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU1016H-60MC4 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # PDU1016H-60MC4
Description  4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU1016H-60MC4 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  PDU1016H-60MC4 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU1016H-60MC4 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU1016H-60MC4 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU1016H-60MC4 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU1016H-60MC4 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PDU1016H
Doc #97044
DATA DELAY DEVICES, INC.
3
11/1/01
3 Mt. Prospect Ave. Clifton, NJ 07013
DEVICE SPECIFICATIONS
TABLE 1: AC CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
UNITS
Total Programmable Delay
TDT
15
TINC
Inherent Delay
TD0
5.5
ns*
Disable to Output Low Delay
TDISO
1.7
ns
Address to Enable Setup Time
TAENS
1.0
ns
Address to Input Setup Time
TAIS
3.6
ns
Enable to Input Setup Time
TENIS
3.6
ns
Output to Address Change
TOAX
See Text
Disable Hold Time
TDISH
See Text
Absolute
PERIN
16
% of TDT
Input Period
Suggested
PERIN
40
% of TDT
Recommended
PERIN
200
% of TDT
Absolute
PWIN
8
% of TDT
Input Pulse Width
Suggested
PWIN
20
% of TDT
Recommended
PWIN
100
% of TDT
* Greater for dash numbers larger than 5
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VEE
-7.0
0.3
V
Input Pin Voltage
VIN
VEE - 0.3
0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 75C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
-1.020
-0.735
V
VIH = MAX,50
Ω to -2V
Low Level Output Voltage
VOL
-1.950
-1.600
V
VIL = MIN, 50
Ω to -2V
High Level Input Voltage
VIH
-1.070
V
Low Level Input Voltage
VIL
-1.480
V
High Level Input Current
IIH
475
µA
VIH = MAX
Low Level Input Current
IIL
0.5
µA
VIL = MIN


Similar Part No. - PDU1016H-60MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5 DATADELAY-PDU10256H-.5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5C5 DATADELAY-PDU10256H-.5C5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5M DATADELAY-PDU10256H-.5M Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5MC5 DATADELAY-PDU10256H-.5MC5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
More results

Similar Description - PDU1016H-60MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
   6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com