Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU1016H-50MC4 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # PDU1016H-50MC4
Description  4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU1016H-50MC4 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  PDU1016H-50MC4 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU1016H-50MC4 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU1016H-50MC4 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU1016H-50MC4 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU1016H-50MC4 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDU1016H
Doc #97044
DATA DELAY DEVICES, INC.
2
11/1/01
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
ADDRESS UPDATE
The PDU1016H is a memory device. As such,
special precautions must be taken when
changing the delay address in order to prevent
spurious output signals. The timing restrictions
are shown in Figure 1.
After the last signal edge to be delayed has
appeared on the OUT pin, a minimum time, TOAX,
is required before the address lines can change.
This time is given by the following relation:
TOAX = max { (Ai - A i-1) * TINC , 0 }
where A i-1 and Ai are the old and new address
codes, respectively. Violation of this constraint
may, depending on the history of the input signal,
cause spurious signals to appear on the OUT pin.
The possibility of spurious signals persists until
the required TOAX has elapsed.
A similar situation occurs when using the ENB
signal to disable the output while IN is active. In
this case, the unit must be held in the disabled
state until the device is able to “clear” itself. This
is achieved by holding the ENB signal high and
the IN signal low for a time given by:
TDISH = Ai * TINC
Violation of this constraint may, depending on the
history of the input signal, cause spurious signals
to appear on the OUT pin. The possibility of
spurious signals persists until the required TDISH
has elapsed.
INPUT RESTRICTIONS
There are three types of restrictions on input
pulse width and period listed in the AC
Characteristics table. The recommended
conditions are those for which the delay tolerance
specifications and monotonicity are guaranteed.
The suggested conditions are those for which
signals will propagate through the unit without
significant distortion. The absolute conditions
are those for which the unit will produce some
type of output for a given input.
When operating the unit between the
recommended and absolute conditions, the
delays may deviate from their values at low
frequency. However, these deviations will remain
constant from pulse to pulse if the input pulse
width and period remain fixed. In other words,
the delay of the unit exhibits frequency and pulse
width dependence when operated beyond the
recommended conditions. Please consult the
technical staff at Data Delay Devices if your
application has specific high-frequency
requirements.
Please note that the increment tolerances listed
represent a design goal. Although most delay
increments will fall within tolerance, they are not
guaranteed throughout the address range of the
unit. Monotonicity is, however, guaranteed over
all addresses.
TDISO
TOAX
TAENS
TENIS
PWIN
TDA
PWOUT
TDISH
A3-A0
ENB
IN
OUT
Figure 1: Timing Diagram
A i-1
Ai
TAIS


Similar Part No. - PDU1016H-50MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5 DATADELAY-PDU10256H-.5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5C5 DATADELAY-PDU10256H-.5C5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5M DATADELAY-PDU10256H-.5M Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5MC5 DATADELAY-PDU10256H-.5MC5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
More results

Similar Description - PDU1016H-50MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
   6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com