Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU1016H-10MC4 Datasheet(PDF) 5 Page - Data Delay Devices, Inc.

Part # PDU1016H-10MC4
Description  4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU1016H-10MC4 Datasheet(HTML) 5 Page - Data Delay Devices, Inc.

  PDU1016H-10MC4 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU1016H-10MC4 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU1016H-10MC4 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU1016H-10MC4 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU1016H-10MC4 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PDU1016H
Doc #97044
DATA DELAY DEVICES, INC.
5
11/1/01
3 Mt. Prospect Ave. Clifton, NJ 07013
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Load:
50
Ω to -2V
Supply Voltage (Vcc):
-5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
Standard 10KH ECL
Threshold:
(VOH + VOL) / 2
levels
(Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
2.0 ns Max. (measured
between 20% and 80%)
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 10 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT
OUT
TRIG
IN
REF
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
IN
ADDRESS SELECT
Timing Diagram For Testing
DRISE
DFALL
PERIN
PWIN
TRISE
TFALL
20%
20%
50%
50%
80%
80%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - PDU1016H-10MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5 DATADELAY-PDU10256H-.5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5C5 DATADELAY-PDU10256H-.5C5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5M DATADELAY-PDU10256H-.5M Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU10256H-.5MC5 DATADELAY-PDU10256H-.5MC5 Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
More results

Similar Description - PDU1016H-10MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
   5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
   6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com