Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD70F160 Datasheet(PDF) 2 Page - SanRex Corporation

Part # PD70F160
Description  THRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD70F160 Datasheet(HTML) 2 Page - SanRex Corporation

  PD70F160 Datasheet HTML 1Page - SanRex Corporation PD70F160 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK(PD,PE,KK)70F
;;
10
10
10
−1
10
10
10
125℃
25℃
−30℃
Peak Forward Gate Voltage(10V)
Pe
ak G
ate
Po
we
r(1
0W
Ave
ra
ge G
ate
P
ow
er(3
W
Maximum Gate Voltage that will not trigger any unit(0.25V)
Gate Characteristics
Gate Current(mA)
10
3
4
10
10
2
On-State Voltage max
On-State Voltage(V)
: Conduction Angle
360
2
40
100
80
120
140
160
60
10 20 30
70
60
40
80 90 100110120
50
20
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Per one element
Average On-State Current Vs Power Dissipation
(Single phase half wave)
Average On-State Current(A)
: Conduction Angle
360
2
130
120
100
110
90
80
60
70
50
0 10 20
60
30
70
40
120
80 90 100110
50
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Per one element
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
2000
1500
1000
500
10
10
0
10
j=25℃ start
60Hz
50Hz
Per one element
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
0.
0.
0.
0.
0.
10
−3
10
−2
10
−1
10
10
10
10
10
Per one element
Junction to case
Transient Thermal Impedance
Time
t(sec)
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:1.0℃/W
90
100
110
120
125
150
100
50
80
40
120
400
500
600
300
200
100
B2
W3
B6
W1
Conduction Angle 180゜
Output Current
W1;Bidirectional connection
Output Current(A)
Ambient Temperature(℃)
Id(Ar.m.s.)
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:1.0℃/W
40
80
120
100
110
120
125
100
90
110
120
125
40
80
120
B2;Two Pluse bridge connection
Ambient Temperature(℃)
Ambient Temperature(℃)
B6;Six pulse bridge connection
W3;Three phase
bidiretional connection
Id(Aav.)
Id(Ar.m.s.)
Id(Aav.)


Similar Part No. - PD70F160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD70F3178 RENESAS-PD70F3178_15 Datasheet
597Kb / 40P
   32-Bit Flash Microcontroller
PD70F3224 RENESAS-PD70F3224_15 Datasheet
500Kb / 43P
   32-/16-bit Single-Chip Microcontroller with CAN Interface
PD70F3433(A) RENESAS-PD70F3433(A)_15 Datasheet
442Kb / 40P
   V850E/CG4TM CarGate-3G-384F 32-Bit Flash Microcontroller
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
PD70F3502 RENESAS-PD70F3502 Datasheet
273Kb / 10P
   OS Timer
More results

Similar Description - PD70F160

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T1451N EUPEC-T1451N Datasheet
255Kb / 9P
   Netz-Thristor Phase Control Thyristor
logo
Toshiba Semiconductor
TN41A TOSHIBA-TN41A Datasheet
208Kb / 4P
   THRISTOR TRIGGER RELAXATION OSCILLATOR PULSER AND TIMER APPLICATIONS
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
   Module
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
   IGBT Module(Power Integrated Module)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com