Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD70F160 Datasheet(PDF) 1 Page - SanRex Corporation

Part # PD70F160
Description  THRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD70F160 Datasheet(HTML) 1 Page - SanRex Corporation

  PD70F160 Datasheet HTML 1Page - SanRex Corporation PD70F160 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PK(PD,PE,KK)70F
THYRISTOR MODULE
UL:E76102
(M)
80
±0.2
M5X10
2.8
110TAB
92
20
20
20
2- 6
17.5
#
Unit
A
Symbol
Item
Conditions
Ratings
70
Unit
IT(AV)
*Average On-State Current
IT(RMS)
*R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:94℃
Single phase, half wave, 180
°conduction, Tc:94℃
ITSM
*Surge On-State Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
2cycle, 50Hz/60Hz, peak Value, non-repetitive
Value for one cycle of surge current
A
110
A
1800/1950
A
16200
10
A2S
W
3
VRGM
Peak Gate Voltage (Reverse)
di
/dt
Critical Rate of Rise of On-State Current
IG
=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
VISO
*Isolation Breakdown Voltage (R.M.S.)
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mass
Mounting
(M5)
Terminal
(M5)
A.C.1minute
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
3
W
A
10
V
5
V
150
A/
μs
2500
V
−40 to +125
−40 to +125
2.7
(28)
2.7
(28)
170
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
15
Unit
IDRM
Repetitive Peak Off-State Current, max.
IRRM
*Repetitive Peak Reverse Current, max.
at VDRM, single phase, half wave, Tj
=125℃
at VDRM, single phase, half wave, Tj
=125℃
VTM
*Peak On-State Voltage, max.
IGT
/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-Trigger Gate, Voltage. min.
tgt
Turn On Time, max.
dv
/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ.
On-State Current 220A, Tj
=25℃ Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
15
mA
1.40
V
70/3
Tj
=125℃,VD12VDRM
IT
=70A,IG=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
0.25
mA/V
V
10
Tj
=125℃, VD23VDRM, Exponential wave.
Tj
=25℃
IL
Lutching Current, typ.
Rth
(j-c)*Thermal Impedance, max.
Tj
=25℃
Junction to case
500
μs
V/
μs
50
mA
100
mA
0.33
℃/W
■Electrical Characteristics
■Maximum Ratings
Symbol
Item
PK70F40
PD70F40
PE70F40
KK70F40
PK70F80
PD70F80
PE70F80
KK70F80
Ratings
PK70F120
PD70F120
PE70F120
KK70F120
PK70F160
PD70F160
PE70F160
KK70F160
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
800
1200
1600
V
480
960
1300
1700
V
400
800
1200
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
Repetitive Peak Off-State Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
Power Thyristor/Diode Module PK70F series are designed for various rectifier circuits
and power controls. For your circuit application. following internal connections and wide
voltage ratings up to 1,600V are available. High precision 25mm (1inch) widh package
and electrically isolated mounting base make your mechanical design easy.
IT(AV) 70A, IT(RMS) 110A, ITSM 1950A
di/dt 150 A/
μs
dv/dt 500V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
2
3
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD
K1
(A2)
(A1)
G1
K2
G2
1
2
1
KK


Similar Part No. - PD70F160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD70F3178 RENESAS-PD70F3178_15 Datasheet
597Kb / 40P
   32-Bit Flash Microcontroller
PD70F3224 RENESAS-PD70F3224_15 Datasheet
500Kb / 43P
   32-/16-bit Single-Chip Microcontroller with CAN Interface
PD70F3433(A) RENESAS-PD70F3433(A)_15 Datasheet
442Kb / 40P
   V850E/CG4TM CarGate-3G-384F 32-Bit Flash Microcontroller
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
PD70F3502 RENESAS-PD70F3502 Datasheet
273Kb / 10P
   OS Timer
More results

Similar Description - PD70F160

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T1451N EUPEC-T1451N Datasheet
255Kb / 9P
   Netz-Thristor Phase Control Thyristor
logo
Toshiba Semiconductor
TN41A TOSHIBA-TN41A Datasheet
208Kb / 4P
   THRISTOR TRIGGER RELAXATION OSCILLATOR PULSER AND TIMER APPLICATIONS
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
   Module
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
   IGBT Module(Power Integrated Module)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com