Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK250GB80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # PK250GB80
Description  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PK250GB80 Datasheet(HTML) 2 Page - SanRex Corporation

  PK250GB80 Datasheet HTML 1Page - SanRex Corporation PK250GB80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK(PD,PE)250GB
;;
10
10
10
−1
10
10
10
Peak Forward Gate Voltage(10V)
Pe
ak G
ate
P
ow
er
(1
0W
Ave
ra
ge G
ate
P
ow
er(3
W
Maximum Gate Non-Trigger Voltage
125℃
25℃
−30℃
Gate Characteristics
Gate Current(mA)
10
10
0.
1.
1.
2.
2.
3.
10
Tj=125℃
On-State Characteristics
On-State Voltage(V)
: Conduction Angle
360
2
500
400
300
100
600
100
200
300
400
200
Per one element
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Average On-State Current Vs Power Dissipation
(Single phase half wave)
Average On-State Current(A)
: Conduction Angle
360
2
140
120
100
80
60
40
100
200
300
400
Per one element
θ=180゜
D.C.
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
j=25℃ start
10
10
10
6000
5000
4000
3000
2000
1000
Per one element
60Hz
50Hz
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
Per one element
0.
0.
10
-3
5 10
-2
5 10
-1
5 10
10
Maximum
Junction to Case
Per one element
Transient Thermal Impedance
Time
t(sec)
Rth f-a:0.5℃/W
Rth f-a:0.4℃/W
Rth f-a:0.3℃/W
Rth f-a:0.2℃/W
Rth f-a:0.1℃/W
Rth f-a:0.05℃/W
2400
2000
1600
1200
800
400
70
80
90
100
110
120
125
400
200
600
20 40 60 80 100
120
Conduction Angle θ180°
W3
B6
B2
W1
Output Current
W1;Bidirectional connection
Output Current(A)
Ambient Temperature(℃)
Id(Ar.m.s.)
Rth f-a:0.5℃/W
Rth f-a:0.4℃/W
Rth f-a:0.3℃/W
Rth f-a:0.2℃/W
Rth f-a:0.1℃/W
Rth f-a:0.05℃/W
Rth f-a:0.5℃/W
Rth f-a:0.4℃/W
Rth f-a:0.3℃/W
Rth f-a:0.2℃/W
Rth f-a:0.1℃/W
Rth f-a:0.05℃/W
0 20 40 60 80 100120
70
80
90
100
110
120
125
70
80
90
100
110
120
125
0 20 40 60 80 100120
B2;Two Pluse bridge connection
Ambient Temperature(℃)
Ambient Temperature(℃)
B6;Six pulse bridge connection
W3;Three phase
bidiretional connection
Id(Aav.)
Id(Ar.m.s.)
Id(Aav.)


Similar Part No. - PK250GB80

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PK250HB SANREX-PK250HB Datasheet
133Kb / 2P
   THYRISTOR MODULE
PK250HB120 SANREX-PK250HB120 Datasheet
133Kb / 2P
   THYRISTOR MODULE
PK250HB160 SANREX-PK250HB160 Datasheet
133Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - PK250GB80

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com