Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YA44A9 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # YA44A9
Description  UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YA44A9 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  YA44A9 Datasheet HTML 1Page - Hubbell Incorporated. YA44A9 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Color Code
Gray
Connector Type
Terminal
Die Index
474
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Aluminum
Physical Attribute - Number of Holes
2
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Temperature Rating
194
Trade Name
HYLUG™
UPC
781810446430
UPC 12 Digit
7818104464300
Dimensions
Dimension - B Length fraction
2-3/4 in
Dimension - B Length inch
2.74 in
Dimension - Bolt Hole Size inch
0.52 in
Dimension - Bolt Size fraction
1/2
Dimension - D inch
3.15 in
Dimension - L Length Overall mm
197 mm
Dimension - Length Overall inch
7.76 in
Dimension - N inch
0.63 in
Dimension - Outside Diameter inch
1.84 in
Dimension - Pad Width inch
1.65 in
Dimension - Thread Size
1/2
Dimension - Z inch
0.77 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - AL Str Size
1000 kcmil
Conductor - AL Str Size Range
1000 kcmil
Conductor - Copper Str Size
1000 kcmil
Conductor - Copper Str Size Range
1000 kcmil
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YA44A9
by Burndy
Catalog ID: YA44A9
UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE
DESIGNUL Listed 90° C600 Volts to 35 KV.


Similar Part No. - YA44A9

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YA44A1 HUBBELL-YA44A1 Datasheet
266Kb / 3P
   Aluminum Compression Lug, 1 Hole w/o Inspection Window, 1000 kcmil, 5/8" Stud, Tin Plated.
YA44A2NG6TN HUBBELL-YA44A2NG6TN Datasheet
262Kb / 2P
   Al Compression Terminal, 2 Holes, 1000 kcmil, Tin Plated, 0.562" Hole Dia.
YA44A2NG8 HUBBELL-YA44A2NG8 Datasheet
262Kb / 2P
   Al Compression Terminal, 2 Holes, 1000 kcmil(61 Str.) Al/Cu, 0.56" Hole Dia.
YA44A3 HUBBELL-YA44A3 Datasheet
262Kb / 2P
   Aluminum Compression Lug, 2 Hole w/o Inspection Window, 1000 kcmil, 1/2" Stud, 1-3/4" Stud Hole Spacing, Al/Cu Rated, Tin Plated.
YA44A3DT HUBBELL-YA44A3DT Datasheet
259Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
More results

Similar Description - YA44A9

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BURNDY_YA44A3DT HUBBELL-BURNDY_YA44A3DT Datasheet
259Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA31A12 HUBBELL-BURNDY_YA31A12 Datasheet
262Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
YA1CAG13 HUBBELL-YA1CAG13 Datasheet
259Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA36A8 HUBBELL-BURNDY_YA36A8 Datasheet
259Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA34A390 HUBBELL-BURNDY_YA34A390 Datasheet
260Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA4CA8DT HUBBELL-BURNDY_YA4CA8DT Datasheet
260Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA27A7 HUBBELL-BURNDY_YA27A7 Datasheet
261Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA1CA9 HUBBELL-BURNDY_YA1CA9 Datasheet
284Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA29A9 HUBBELL-BURNDY_YA29A9 Datasheet
258Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA29A6 HUBBELL-BURNDY_YA29A6 Datasheet
259Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
BURNDY_YA29A5 HUBBELL-BURNDY_YA29A5 Datasheet
261Kb / 2P
   UNINSULATED ALUMINUM COMPRESSION TERMINAL, 1-HOLE DESIGNUL Listed 90째 C600 Volts to 35 KV.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com