Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWF100A40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DWF100A40
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DWF100A40 Datasheet(HTML) 1 Page - SanRex Corporation

  DWF100A40 Datasheet HTML 1Page - SanRex Corporation DWF100A40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DWF(R)100A30/40
DIODE MODULE
DWF
(R)
100A is a non-isolated diode module designed for 3 phase rectification.
IF(AV)
=100A, VRRM=400V
Easy Construction with Joint-Cathode
(F)
Type and Joint-Anode
(R)
type.
Non-isolated.
(Mounting Base as terminals.)
High Surge Capability
(Applications)
Welding Power Supply
3 Phase Rectifier
80
±0.2
M5X10
92
20
20
20
2- 6
Unit
:a
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DWF(R)100A30
DWF(R)100A40
300
400
360
480
240
320
Unit
VRRM
VRSM
VR(DC)
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
D.C. Reverse Voltage
V
V
V
Symbol
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
Single phase, half wave, 180
。conduction, Tc:122℃
100
IF(RMS)
IFSM
R.M.S. Forward Current
Surge Forward Current
Single phase, half wave, 180
。conduction, Tc:122℃
1
2cycle, 60Hz, peak value, non-repetitive
160
2000
A
A
I2t
I2t
Value for one cycle of surge current
16600
A2S
Tj
Operating Junction Temperature
−30 to +150
Tstg
Storage Temperature
−30 to +125
Mounting
Torque
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
2.7
(28)
2.7
(28)
N
・m
(㎏f・B)
g
170
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
at VDRM, single phase, half wave, Tj
=150℃
Ratings
15
1.15
0.25
Unit
mA
VFM
Forward Voltage Drop, max.
Forward current 300A, Tj
=25℃, Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
DWF
DWR
SanRex
®


Similar Part No. - DWF100A40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
DWF100A NAINA-DWF100A Datasheet
273Kb / 3P
   Non-isolated Diode Module, 100A
More results

Similar Description - DWF100A40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com