Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT139D Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74ACT139D
Description  DUAL 1-OF-4 DECODER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT139D Datasheet(HTML) 5 Page - ON Semiconductor

  MC74ACT139D Datasheet HTML 1Page - ON Semiconductor MC74ACT139D Datasheet HTML 2Page - ON Semiconductor MC74ACT139D Datasheet HTML 3Page - ON Semiconductor MC74ACT139D Datasheet HTML 4Page - ON Semiconductor MC74ACT139D Datasheet HTML 5Page - ON Semiconductor MC74ACT139D Datasheet HTML 6Page - ON Semiconductor MC74ACT139D Datasheet HTML 7Page - ON Semiconductor MC74ACT139D Datasheet HTML 8Page - ON Semiconductor MC74ACT139D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74AC139, MC74ACT139
http://onsemi.com
5
DC CHARACTERISTICS
74ACT
74ACT
VCC
TA = +25°C
TA =
–40
°C to
+85
°C
Symbol
Parameter
VCC
(V)
Typ
Guaranteed Limits
Unit
Conditions
VIH
Minimum High Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
IH
ug
e e
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
IL
au
oe e
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = –50 mA
OH
ug
e e
Output Voltage
5.5
5.49
5.4
5.4
V
OUT
50
m
g
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
–24 mA
5.5
4.86
4.76
IOH
–24 mA
VOL
Maximum Low Level
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
OL
au
oe e
Output Voltage
5.5
0.001
0.1
0.1
V
OUT
50
m
g
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
IOL
24 mA
IIN
Maximum Input
55
±01
±10
mA
VI =VCC GND
IIN
Maximum In ut
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC – 2.1 V
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
80
80
mA
VIN =VCC or GND
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT
74ACT
VCC*
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Fig
Symbol
Parameter
VCC*
(V)
Min
Typ
Max
Min
Max
Unit
Fig.
No.
tPLH
Propagation Delay
50
15
60
85
15
95
ns
3–6
tPLH
Pro agation Delay
An to On
5.0
1.5
6.0
8.5
1.5
9.5
ns
3–6
tPHL
Propagation Delay
50
15
60
95
15
10 5
ns
3–6
tPHL
Pro agation Delay
An to On
5.0
1.5
6.0
9.5
1.5
10.5
ns
3–6
tPLH
Propagation Delay
50
25
70
10 0
20
11 0
ns
3–6
tPLH
Pro agation Delay
En to On
5.0
2.5
7.0
10.0
2.0
11.0
ns
3–6
tPHL
Propagation Delay
50
20
70
95
15
10 5
ns
3–6
tPHL
Pro agation Delay
En to On
5.0
2.0
7.0
9.5
1.5
10.5
ns
3–6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V


Similar Part No. - MC74ACT139D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT139D ONSEMI-MC74ACT139D Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74ACT139D ONSEMI-MC74ACT139D Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74ACT139DG ONSEMI-MC74ACT139DG Datasheet
99Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
January, 2015 ??Rev. 8
MC74ACT139DR2 ONSEMI-MC74ACT139DR2 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74ACT139DR2 ONSEMI-MC74ACT139DR2 Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
More results

Similar Description - MC74ACT139D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com