Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSR300BA60 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DSR300BA60
Description  ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DSR300BA60 Datasheet(HTML) 1 Page - SanRex Corporation

  DSR300BA60 Datasheet HTML 1Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SanRex
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR300BA50/60 V
RRM
=500/600V, IFAV=300A, trr=250ns, Softness=0.8
SanRex Soft Recovery Diode Module DSR300BA is designed
for applications requiring fast switching and soft recovery
wave shape to reduce or eliminate the need for snubber
components in the circuit. The modules are isolated for easy
mounting with other components or a common heatsink.
Features
* Very Fast Reverse Recovery Time
* Soft Recovery Characteristics
* Low Forward Voltage Drop
* UL registered E76102
Typical Applications
* Welding and Plasma Cutting Machines
* DC chopper
* Rectifier in Switch Mode Power Supplies (SMPS)
* Uninterruptible Power Supplies (UPS)
* Free Wheeling Diode in converters and motor control circuits
< Maximum Ratings >
(Tj= 25
°C unless otherwise specified)
Ratings
Symbol
Item
DSR300BA50
DSR300BA60
Unit
VRRM
Repetitive Peak Reverse
Voltage
500
600
V
VR(DC)
Reverse D.C. Voltage
400
480
V
Symbol
Item
Conditions
Ratings
Unit
IF(AV)
Average Forward Current
D.C., T C = 72°C
300
A
IFSM
Surge Forward Current
½ cycle, 60Hz, Peak value, non-repetitive
4000
A
I
2 t
I
2 t (for fusing)
Value for one cycle surge current
66400
A
2s
Tj
Junction Temperature
-40 to +150
°C
Tstg
Storage Temperature
-40 to +125
°C
V ISO
Isolation Voltage (R.M.S.)
A.C. 1 minute
2500
V
Mounting M6
Recommended 2.5-3.9 (25-40)
4.7(48)
Mounting
Torque
Terminal M5
Recommended 1.5-2.5 (15-25)
2.7(28)
N
žm
(kgf
žcm)
Mass
Typical Value
170
G
< Electrical Characteristics >
(Tj= 25
°C unless otherwise specified)
Ratings
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
IRRM
Repetitive Peak Reverse
Current
VR = VRRM, Tj = 125°C
300
MA
VFM
Forward Voltage Drop
IF= 300A, Inst. Measurement
1.20
1.30
V
t r r
Reverse Recovery Time
IF= 300A, VR=300V, -di / dt = 100A/
Fs
250
300
N s
t b / t a
Softness
IF= 300A, VR=300V, -di / dt = 100A/
Fs
0.80
Rth(j-c)
Thermal Resistance
Junction to case, ½ module
0.20
°C/W
_________________________________________________________________________________________________________
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


Similar Part No. - DSR300BA60

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
DSR30-12-24 LAMBDA-DSR30-12-24 Datasheet
236Kb / 4P
   Single output 30W~180W
DSR30-12-48 LAMBDA-DSR30-12-48 Datasheet
236Kb / 4P
   Single output 30W~180W
DSR30-15-24 LAMBDA-DSR30-15-24 Datasheet
236Kb / 4P
   Single output 30W~180W
DSR30-15-48 LAMBDA-DSR30-15-48 Datasheet
236Kb / 4P
   Single output 30W~180W
DSR30-24-24 LAMBDA-DSR30-24-24 Datasheet
236Kb / 4P
   Single output 30W~180W
More results

Similar Description - DSR300BA60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DKA200AA50 SANREX-DKA200AA50 Datasheet
110Kb / 1P
   ISOLATED DIODE MODULE(SOFT RECOVERY DIODE)
DSR200BA50 SANREX-DSR200BA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR400AA60 SANREX-DSR400AA60 Datasheet
100Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DKA300AA50 SANREX-DKA300AA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR200BA50 SANREX-DSR200BA50 Datasheet
142Kb / 1P
   ISOLATED DIODE MODULE(SOFT RECOVRY DIODE)
DCA100BA60 SANREX-DCA100BA60 Datasheet
202Kb / 2P
   SOFT RECOVERY DIODE MODULE
DCA200UA65 SANREX-DCA200UA65 Datasheet
508Kb / 2P
   SOFT RECOVERY DIODE MODULE
DBA200WA60 SANREX-DBA200WA60 Datasheet
195Kb / 2P
   SOFT RECOVERY DIODE MODULE
DCA150BA65 SANREX-DCA150BA65 Datasheet
203Kb / 2P
   SOFT RECOVERY DIODE MODULE
DBA200WA40 SANREX-DBA200WA40 Datasheet
195Kb / 2P
   SOFT RECOVERY DIODE MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com