Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2128A-C91B Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC2128A-C91B
Description  REMOTE FAN CONTROL IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128A-C91B Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC2128A-C91B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC2128A-C91B Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Silan
Semiconductors
SC2128A
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
7
4. MODE KEY
MODE key is used to bring SC2128A around ORD
(ordinary wind) mode, RTM(rhythm wind ) mode, SLP
(sleep wind) mode and RSL(rhythm sleep wind ) mode. In
ORD mode, the wind speed is set by SPEED key and does
not change as time passes. In RTM mode the wind speed
cycles through three rhythm wind, patterns as set by the
SPEED key. In SLP and RSL mode, however, the fan
automatically steps down one level (strong to middle,
middle to low) every 30 minutes and keeps in low wind until
off-timer times out. Four modes of operation are described
in details later.
OFF
ORD
RSL
RTM
SLP
SPEED KEY
5. SW1 and SW2 KEYS
SW1 and SW2 keys control the output status of SO1 and
SO2 outputs which in turn control the head swing of fan.
Depending on the 2SW mask option, SO2 is controlled by
either SW1 or SW2 key. If 2SW option is selected each
pressing of SW1 key toggles SO1 ON(L) and OFF(Z) and
each pressing of SW2 key toggles SO1 ON(L) and OFF(Z).
If 2SW option is not selected, pressing SW1 key cycles
SO1 and SO2 output as shown in the diagram and SW2
key has no effect. 2SW option is described later.
SO1=Z
SO2=Z
SO1=L
SO2=Z
SO1=Z
SO2=L
SO1=L
SO2=L
SW
1 K
EY
SW
1 K
EY
SW
1 K
EY
SW
1 K
EY
Fan already ON
Z=high impedence
L=low voltage
6. LIGHT KEY
LIGHT key toggles LIT output on(L) and off(Z). LIT output can only be controlled with LIGHT key (from both
panel and remote control) and SLEEP key (if available) on remote control handset. OFF key does NOT affect LIT
output. LIT output is NOT affected by OFF key as well as off-timer times out.
7. OFF/MEMS KEY
OFF/MEMS key functions differently depending on whether the fan is ON or OFF. It functions as OFF key when
the fan is ON, and is used to bring SC2128A from any on state into off state. LIT output is NOT affected by OFF
key. When fan is OFF, it functions as MEMS (memory start) and is used to turn on the fan and set to the memory
mode, provided memory mode is enabled. Memory mode is explained later in the MEMORY MODE section.
8. INDICATOR LEDS
Up to twelve(12) indicator LEDs may be constructed on the control panel of fan built with SC2128A. Six(6)
LEDs are constructed as 3x2 LED matrix formed by COM and LED1, LED2, LED3. The other six(6)LEDs are built
in series with TRIAC outputs. The diagrams show how the LED matrix is constructed.


Similar Part No. - SC2128A-C91B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20D SILAN-SC2128C-C20D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20S SILAN-SC2128C-C20S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21D SILAN-SC2128C-C21D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21S SILAN-SC2128C-C21S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
More results

Similar Description - SC2128A-C91B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com