Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2128A-D51B Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC2128A-D51B
Description  REMOTE FAN CONTROL IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128A-D51B Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC2128A-D51B Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128A-D51B Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Silan
Semiconductors
SC2128A
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
REMOTE FAN CONTROL IC
DESCRIPTION
The SC2128A is a high performance electronic fan controller LSI,
Speed control, off-timer, rhythm wind, sleep mode, head swing
and/or light control are all built into a single chip. Indicator LED
output, buzzer output, key control input, as well as remote control
decoding circuitry are all provided to build a full function electronic
fan with remote control capability having the highest performance
with the least external components. Pin assignment and application
circuit are optimized for easy PCB layout and cost saving for
electronic fan application.
FEATURES
* High performance CMOS Technology
* Low power consumption
* Optional independent light control
* 90 seconds cycle/6 seconds per step(off step 3 seconds) rhythm
wind pattern
* Built-in remote control decoding circuitry with mask option
custom code
* DIP or SO package(22 pin SO not available)
* Up to 3 dependent/independent swing-head/light output
* Available in 16,18,20,22,24 pin package for none, one set or two
sets of swing head and/or light control
* Four operation modes: ordinary, rhythm, ordinary sleep and
rhythm sleep.
* Memory start-up mode
* 2-3 seconds middle wind start-up(mask option)
APPLICATIONS
* Optimized for fan application
* Suitable for heater fan, cooling fan, and other home appliances
with remote control, timer and/or output level control
DIP-16


Similar Part No. - SC2128A-D51B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20D SILAN-SC2128C-C20D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C20S SILAN-SC2128C-C20S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21D SILAN-SC2128C-C21D Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
SC2128C-C21S SILAN-SC2128C-C21S Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
More results

Similar Description - SC2128A-D51B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com